Electronic Components Datasheet Search
  English  ▼

X  

MM54C14 Datasheet(PDF) 3 Page - Silicon Supplies

Part # MM54C14
Description  CMOS High Voltage Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

MM54C14 Datasheet(HTML) 3 Page - Silicon Supplies

  MM54C14 Datasheet HTML 1Page - Silicon Supplies MM54C14 Datasheet HTML 2Page - Silicon Supplies MM54C14 Datasheet HTML 3Page - Silicon Supplies MM54C14 Datasheet HTML 4Page - Silicon Supplies MM54C14 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page 3 of 5
www.siliconsupplies.com
Rev 1.0
17/02/2023
CMOS High Voltage Logic – MM54C14
Absolute Maximum Ratings1
PARAMETER
SYMBOL
VALUE
UNIT
Voltage at any input pin
VIN
-0.3 to VCC + 0.3
V
Voltage at any output pin
VOUT
-0.3 to VCC + 0.3
V
Operating VCC range
VCC
3 to 15
V
Absolute maximum VCC
VCC(MAX)
18
V
Maximum Power Dissipation
2
PD
700
mW
Operating Temperature Range
TA
-55 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
CMOS TO CMOS
VCC = 5V
3.0
3.6
4.3
V
VCC = 10V
6.0
6.8
8.6
V
Positive Going Threshold Voltage
VT+
VCC = 15V
9.0
10.0
12.9
V
VCC = 5V
0.7
1.4
2.0
V
VCC = 10V
1.4
3.2
4.0
V
Negative Going Threshold Voltage
VT-
VCC = 15V
2.1
5.0
6.0
V
VCC = 5V
1.0
2.2
3.6
V
VCC = 10V
2.0
3.6
7.2
V
Hysteresis
VT+ - VT-
VCC = 15V
3.0
5.0
10.8
V
VCC = 5V, IO = -10µA
4.5
-
-
V
Logical “1” Output Voltage
VOUT(1)
VCC = 10V, IO = -10µA
9.0
-
-
V
VCC = 5V, IO = 10µA
-
-
0.5
V
Logical “0” Output Voltage
VOUT(0)
VCC = 10V, IO = 10µA
-
-
1.0
V
Logical “1” Input Current
IIN(1)
VCC = 15V, VIN = 15V
-
0.005
1.0
µA
Logical “0” Input Current
IIN(0)
VCC = 15V, VIN = 0V
-1.0
-0.005
-
µA
Supply Current
ICC
VCC =15V,VIN=0V/15V
-
0.05
15
µA
VCC = 5V, VIN = 2.5V
-
20
-
µA
VCC = 10V, VIN = 5V
-
200
-
µA
Supply Current
3
ICC
VCC = 15V, VIN = 7.5V
-
600
-
µA
DC Electrical Characteristics T
A = -55 to +125°C unless otherwise stated
3. Only one of the six inputs is at ½ VCC; the others are either at VCC or GND.
1. Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended periods, may
reduce device reliability. 2. Measured in plastic DIP package, results in die form are dependent on die attach and assembly method.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com