Electronic Components Datasheet Search
  English  ▼

X  

74AVC2T45 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74AVC2T45
Description  Dual-bit, dual-supply voltage level translator/transceiver; 3-state
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AVC2T45 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74AVC2T45 Datasheet HTML 3Page - NXP Semiconductors 74AVC2T45 Datasheet HTML 4Page - NXP Semiconductors 74AVC2T45 Datasheet HTML 5Page - NXP Semiconductors 74AVC2T45 Datasheet HTML 6Page - NXP Semiconductors 74AVC2T45 Datasheet HTML 7Page - NXP Semiconductors 74AVC2T45 Datasheet HTML 8Page - NXP Semiconductors 74AVC2T45 Datasheet HTML 9Page - NXP Semiconductors 74AVC2T45 Datasheet HTML 10Page - NXP Semiconductors 74AVC2T45 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
74AVC2T45_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 3 July 2007
7 of 28
NXP Semiconductors
74AVC2T45
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Tamb = −40 °C to +125 °C
VIH
HIGH-level input
voltage
data input
[2]
VCCI = 0.8 V
0.70
× V
CCI
--
V
VCCI = 1.1 V to 1.95 V
0.65
× V
CCI
--
V
VCCI = 2.3 V to 2.7 V
1.6
-
-
V
VCCI = 3.0 V to 3.6 V
2.0
-
-
V
DIR input
[2]
VCCI = 0.8 V
0.70
× V
CC(A) --
V
VCCI = 1.1 V to 1.95 V
0.65
× V
CC(A) --
V
VCCI = 2.3 V to 2.7 V
1.6
-
-
V
VCCI = 3.0 V to 3.6 V
2.0
-
-
V
VIL
LOW-level input
voltage
data input
[2]
VCCI = 0.8 V
-
-
0.30
× VCCI
V
VCCI = 1.1 V to 1.95 V
-
-
0.35
× VCCI
V
VCCI = 2.3 V to 2.7 V
-
-
0.7
V
VCCI = 3.0 V to 3.6 V
-
-
0.9
V
DIR input
[2]
VCCI = 0.8 V
-
-
0.30
× VCC(A) V
VCCI = 1.1 V to 1.95 V
-
-
0.35
× VCC(A) V
VCCI = 2.3 V to 2.7 V
-
-
0.7
V
VCCI = 3.0 V to 3.6 V
-
-
0.9
V
VOH
HIGH-level output
voltage
VI = VIH
IO = −100 µA;
VCC(A) =VCC(B) = 0.8 V to 3.6 V
[1] VCCO − 0.1
-
-
V
IO = −3 mA; VCC(A) = VCC(B) = 1.1 V
0.85
-
-
V
IO = −6 mA; VCC(A) = VCC(B) = 1.4 V
1.05
-
-
V
IO = −8 mA; VCC(A) = VCC(B) = 1.65 V
1.2
-
-
V
IO = −9 mA; VCC(A) = VCC(B) = 2.3 V
1.75
-
-
V
IO = −12 mA; VCC(A) = VCC(B) = 3.0 V
2.3
-
-
V
VOL
LOW-level output
voltage
VI = VIL
IO = 100 µA;
VCC(A) =VCC(B) = 0.8 V to 3.6 V
-
-
0.1
V
IO = 3 mA; VCC(A) = VCC(B) = 1.1 V
-
-
0.25
V
IO = 6 mA; VCC(A) = VCC(B) = 1.4 V
-
-
0.35
V
IO = 8 mA; VCC(A) = VCC(B) = 1.65 V
-
-
0.45
V
IO = 9 mA; VCC(A) = VCC(B) = 2.3 V
-
-
0.55
V
IO = 12 mA; VCC(A) = VCC(B) = 3.0 V
-
-
0.7
V
II
input leakage
current
DIR input; VI = GND to VCC(A);
VCC(A) =VCC(B) = 0.8 V to 3.6 V
--
±1.5
µA
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V). All unused data inputs of the device
must be held at VCCI or GND to ensure proper device operation.
Symbol Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com