Electronic Components Datasheet Search
  English  ▼

X  

74AVC2T45 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74AVC2T45
Description  Dual-bit, dual-supply voltage level translator/transceiver; 3-state
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AVC2T45 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74AVC2T45 Datasheet HTML 4Page - NXP Semiconductors 74AVC2T45 Datasheet HTML 5Page - NXP Semiconductors 74AVC2T45 Datasheet HTML 6Page - NXP Semiconductors 74AVC2T45 Datasheet HTML 7Page - NXP Semiconductors 74AVC2T45 Datasheet HTML 8Page - NXP Semiconductors 74AVC2T45 Datasheet HTML 9Page - NXP Semiconductors 74AVC2T45 Datasheet HTML 10Page - NXP Semiconductors 74AVC2T45 Datasheet HTML 11Page - NXP Semiconductors 74AVC2T45 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
74AVC2T45_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 3 July 2007
8 of 28
NXP Semiconductors
74AVC2T45
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
[1]
VCCO is the supply voltage associated with the data output port.
[2]
VCCI is the supply voltage associated with the input port.
IOZ
OFF-state output
current
A or B port; VO = GND or VCCO;
VCC(A) =VCC(B) = 0.8 V to 3.6 V
[1] --
±7.5
µA
IOFF
power-off leakage
current
A port; VI or VO = 0 V to 3.6 V;
VCC(B) =0V;VCC(A) = 0.8 V to 3.6 V
--
±35
µA
B port; VI or VO = 0 V to 3.6 V;
VCC(B) =0V;VCC(A) = 0.8 V to 3.6 V
--
±35
µA
ICC
supply current
A port; VI = GND or VCCI; IO = 0 A
[2]
VCC(A) = VCC(B) = 0.8 V to 3.6 V
-
-
11.5
µA
VCC(A) = 3.6 V; VCC(B) = 0 V
-
-
11.5
µA
VCC(A) = 0 V; VCC(B) = 3.6 V
−80
-
µA
B port; VI = GND or VCCI; IO = 0 A
[2]
VCC(A) = VCC(B) = 0.8 V to 3.6 V
-
-
11.5
µA
VCC(A) = 3.6 V; VCC(B) = 0 V
−80
-
µA
VCC(A) = 0 V; VCC(B) = 3.6 V
-
-
11.5
µA
A plus B port (ICC(A) + ICC(B)); IO = 0 A;
VI = GND or VCCI;
VCC(A) =VCC(B) = 0.8 V to 3.6 V
[2] --
23
µA
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V). All unused data inputs of the device
must be held at VCCI or GND to ensure proper device operation.
Symbol Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com