Electronic Components Datasheet Search
  English  ▼

X  

S29WS-P Datasheet(PDF) 45 Page - SPANSION

Part # S29WS-P
Description  MirrorBit짰 Flash Family 512/256/128 Mb (32/16/8 M x 16 bit) 1.8 V Burst Simultaneous Read/Write MirrorBit Flash Memory
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29WS-P Datasheet(HTML) 45 Page - SPANSION

Back Button S29WS-P Datasheet HTML 41Page - SPANSION S29WS-P Datasheet HTML 42Page - SPANSION S29WS-P Datasheet HTML 43Page - SPANSION S29WS-P Datasheet HTML 44Page - SPANSION S29WS-P Datasheet HTML 45Page - SPANSION S29WS-P Datasheet HTML 46Page - SPANSION S29WS-P Datasheet HTML 47Page - SPANSION S29WS-P Datasheet HTML 48Page - SPANSION S29WS-P Datasheet HTML 49Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 94 page
background image
September 28, 2007 S29WS-P_00_A11
S29WS-P
45
Data
She e t
7.7.7
Accelerated Program/Erase
Accelerated single word programming, write buffer programming, sector erase, and chip erase operations are
enabled through the ACC function. This method is faster than the standard chip program and erase command
sequences.
The accelerated program and erase functions must not be used more than 10 times per sector. In
addition, accelerated program and erase should be performed at room temperature (25
°C ±10°C).
If the system asserts VHH on this input, the device automatically enters the accelerated mode and uses the
higher voltage on the input to reduce the time required for program and erase operations. The system can
then use the Write Buffer Load command sequence provided by the Unlock Bypass mode. Note that if a
Write-to-Buffer-Abort Reset is required while in Unlock Bypass mode, the full 3-cycle RESET command
sequence must be used to reset the device. Removing VHH from the ACC input, upon completion of the
embedded program or erase operation, returns the device to normal operation.
Sectors must be unlocked prior to raising ACC to VHH.
The ACC pin must not be at VHH for operations other than accelerated programming accelerated erase, or
device damage may result.
The ACC pin must not be left floating or unconnected; inconsistent behavior of the device may result.
ACC locks all sector if set to VIL; ACC should be set to VIH for all other conditions.
7.7.8
Unlock Bypass
The unlock bypass feature allows the system to primarily program faster than using the standard program
command sequence, and it is not intended for use during erase. The unlock bypass command sequence is
initiated by first writing two unlock cycles. This is followed by a third write cycle containing the unlock bypass
command, 20h. The device then enters the unlock bypass mode. A two-cycle unlock bypass program
command sequence is all that is required to program in this mode. The first cycle in this sequence contains
the unlock bypass program command, A0h; the second cycle contains the program address and data.
Additional data is programmed in the same manner. This mode dispenses with the initial two unlock cycles
required in the standard program command sequence, resulting in faster total programming time. The erase
command sequences are four cycles in length instead of six cycles. Table 12.1 on page 85 shows the
requirements for the unlock bypass command sequences.
During the unlock bypass mode, only the Read, Unlock Bypass Program, and Unlock Bypass Reset
commands are valid. To exit the unlock bypass mode, the system must issue the two-cycle unlock bypass
reset command sequence. The first cycle must contain the bank address and the data 90h. The second cycle
need only contain the data 00h. The bank then returns to the read mode.
The device offers accelerated program operations through the ACC input. When the system asserts VHH on
this input, the device automatically enters the Unlock Bypass mode. The system may then write the two-cycle
Unlock Bypass program command sequence. The device uses the higher voltage on the ACC input to
accelerate the operation.
Refer to Erase/Program Timing on page 76 for parameters, and Figure 11.15 on page 77 and Figure 11.16
on page 78 for timing diagrams.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com