Electronic Components Datasheet Search
  English  ▼

X  

S29WS-P Datasheet(PDF) 19 Page - SPANSION

Part # S29WS-P
Description  MirrorBit짰 Flash Family 512/256/128 Mb (32/16/8 M x 16 bit) 1.8 V Burst Simultaneous Read/Write MirrorBit Flash Memory
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29WS-P Datasheet(HTML) 19 Page - SPANSION

Back Button S29WS-P Datasheet HTML 15Page - SPANSION S29WS-P Datasheet HTML 16Page - SPANSION S29WS-P Datasheet HTML 17Page - SPANSION S29WS-P Datasheet HTML 18Page - SPANSION S29WS-P Datasheet HTML 19Page - SPANSION S29WS-P Datasheet HTML 20Page - SPANSION S29WS-P Datasheet HTML 21Page - SPANSION S29WS-P Datasheet HTML 22Page - SPANSION S29WS-P Datasheet HTML 23Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 94 page
background image
September 28, 2007 S29WS-P_00_A11
S29WS-P
19
Data
She e t
7.1
Device Operation Table
The device must be setup appropriately for each operation. Table 7.1 describes the required state of each
control pin for any particular operation.
Legend:
L = Logic 0, H = Logic 1, X = can be either VIL or VIH.,
= rising edge,
= high to low,
= toggle.
Note:
Address is latched on the rising edge of clock.
7.2
Asynchronous Read
All memories require access time to output array data. In an asynchronous read operation, data is read from
one memory location at a time. Addresses are presented to the device in random order, and the propagation
delay through the device causes the data on its outputs to arrive asynchronously with the address on its
inputs.
The device defaults to reading array data asynchronously after device power-up or hardware reset. To read
data from the memory array, the system must first assert a valid address on Amax–A0, while driving AVD#
and CE# to VIL. WE# must remain at VIH. The rising edge of AVD# latches the address, preventing changes
to the address lines from effecting the address being accessed.. Data is output on DQ15-DQ0 pins after the
access time (tACC) has elapsed from the falling edge of AVD#, or the last time the address lines changed
while AVD# was low.
Table 7.1 Device Operations
Operation
CE#
OE#
WE#
CLK
AVD#
Amax–A0
DQ15–0
RDY
RESET#
Asynchronous Read
- Addresses Latched
LL
H
X
Addr In
Output
Valid
HH
Asynchronous Read
AVD# Steady State
LL
H
X
L
Addr In
Output
Valid
HH
Asynchronous Write
L
H
X
L
Addr In
Input
Valid
HH
Synchronous Write
LH
L
Addr In
I/O
H
H
Standby (CE#)
H
X
X
X
X
X
HIGH Z
HIGH Z
H
Hardware Reset
X
X
X
X
X
X
HIGH Z
HIGH Z
Burst Read Operations
Latch Starting Burst Address by CLK
L
X
H
L
Addr In
Output
Invalid
XH
Advance Burst read to next address
L
L
H
H
X
Output
Valid
HH
Terminate current Burst read cycle
H
X
H
X
X
X
HIGH Z
HIGH Z
H
Terminate current Burst read cycle
via RESET#
X
X
H
X
X
X
HIGH Z
HIGH Z
L
Terminate current Burst read cycle
and start new Burst read cycle
LX
H
Addr In
Output
Invalid
XH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com