Electronic Components Datasheet Search
  English  ▼

X  

BPC420 Datasheet(PDF) 4 Page - DFI Inc

Part # BPC420
Description  Intel Pentium®/Celeron®Processor N3000 42" Bar Type Panel PC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

BPC420 Datasheet(HTML) 4 Page - DFI Inc

  BPC420 Datasheet HTML 1Page - DFI Inc BPC420 Datasheet HTML 2Page - DFI Inc BPC420 Datasheet HTML 3Page - DFI Inc BPC420 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © March 02, 2021 DFI Inc.
BPC420-BW
Packing List
Ordering Information
Optional Items
Model Name
Part Number
Description
BPC420-BWN3710 750-BC4200-000G 42" Bar Type Panel PC, Intel
® Pentium® N3710, 700 nits, 4GB Memory, 32GB mSATA,
RoHS
BPC420-BWN3710 750-BC4200-100G 42" Bar Type Panel PC, Intel
® Pentium® N3710, 700 nits, 4GB Memory, 32GB mSATA,
Speaker 2W+2W, RoHS
BPC420-BWN3710 750-BC4200-200G 42" Bar Type Panel PC, Intel
® Pentium® N3710, 1500 nits, 4GB Memory, 32GB mSATA,
RoHS
BPC420-BWN3710 750-BC4200-300G 42" Bar Type Panel PC, Intel
® Pentium® N3710, 1500 nits, 4GB Memory, 32GB mSATA,
Speaker 2W+2W, RoHS
• 1 BPC420-BW Panel PC
Optional Items
Part Number
Description
Wi-Fi
761-110091-000G
Wi-Fi kit, RoHS
Power Cord
785-PWRD
Power cord, Standards (USA/EUR/CH), 1.8m, RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com