Electronic Components Datasheet Search
  English  ▼

X  

BPC420 Datasheet(PDF) 1 Page - DFI Inc

Part # BPC420
Description  Intel Pentium®/Celeron®Processor N3000 42" Bar Type Panel PC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

BPC420 Datasheet(HTML) 1 Page - DFI Inc

  BPC420 Datasheet HTML 1Page - DFI Inc BPC420 Datasheet HTML 2Page - DFI Inc BPC420 Datasheet HTML 3Page - DFI Inc BPC420 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1085.80
1041.70
680
36.20
78.20
BPC420-BW
Panel
Intel Pentium®/Celeron®Processor N3000
42" Bar Type Panel PC
Features
Dimensions
Left View
Bottom View
Right View
Top View
Front View
Left View
Right View
Pentium
VGA
USB 3.0
Antenna
hole
COM 1~2
Antenna
hole
Power
LAN 1~2
AC Input
DP++
• 42" 1920x480 TFT LCD Bar Type Panel PC
• 700/1500 nits brightness
• Dual display outputs: VGA + DP++
• VESA mount (400x200)
• Rich I/O: 2 LAN, 2 COM, 4 USB 3.0
IP65
Front panel
protection
mSATA
USB 3.0
Wi-Fi
Antenna
hole
DP++


Similar Part No. - BPC420

ManufacturerPart #DatasheetDescription
logo
DFI Inc
BPC420-BW DFI-BPC420-BW Datasheet
722Kb / 4P
Intel Pentium®/Celeron®Processor N3000 42" Bar Type Panel PC
BPC420-BWN3710 DFI-BPC420-BWN3710 Datasheet
722Kb / 4P
Intel Pentium®/Celeron®Processor N3000 42" Bar Type Panel PC
More results

Similar Description - BPC420

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-7568 ADVANTECH-SOM-7568 Datasheet
823Kb / 2P
Intel Pentium/Celeron N3000 Series
PPC-310-EHL ADVANTECH-PPC-310-EHL Datasheet
420Kb / 2P
10.4 Fanless Panel PC with Intel® Celeron® J6412 Processor
5-Sep-2022
PPC-3100S ADVANTECH-PPC-3100S Datasheet
444Kb / 2P
10.4 Fanless Panel PC with Intel® Celeron® N2930 Processor
1-Aug-2022
PPC-312-EHL ADVANTECH-PPC-312-EHL Datasheet
441Kb / 2P
12 Fanless Panel PC with Intel® Celeron® J6412 Processor
5-Sep-2022
PPC-3120S ADVANTECH-PPC-3120S Datasheet
385Kb / 2P
12.1 Fanless Panel PC with Intel® Celeron® N2930 Processor
28-Jul-2022
PPC-315-EHL ADVANTECH-PPC-315-EHL Datasheet
437Kb / 2P
15 Fanless Panel PC with Intel® Celeron® J6412 Processor
5-Sep-2022
PPC-321W-EHL ADVANTECH-PPC-321W-EHL Datasheet
434Kb / 2P
21.5 Fanless Panel PC with Intel® Celeron® J6412 Processor
5-Sep-2022
PPC-3210SW ADVANTECH-PPC-3210SW Datasheet
375Kb / 2P
21.5 Fanless Panel PC with Intel® Celeron® N2930 Processor
1-Aug-2022
logo
AAEON Technology
BOXER-6405M AAEON-BOXER-6405M Datasheet
358Kb / 2P
Fanless Compact Embedded Computer with Intel® Celeron®/Pentium® Processor
logo
BCM Advanced Research.
EQM-APL BCM-EQM-APL Datasheet
639Kb / 1P
Intel® Pentium®/Celeron® Apollo Lake SoC processor Qseven Module
05/12/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com