Electronic Components Datasheet Search
  English  ▼

X  

54HC125 Datasheet(PDF) 4 Page - Silicon Supplies

Part # 54HC125
Description  High Speed CMOS Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC125 Datasheet(HTML) 4 Page - Silicon Supplies

  54HC125 Datasheet HTML 1Page - Silicon Supplies 54HC125 Datasheet HTML 2Page - Silicon Supplies 54HC125 Datasheet HTML 3Page - Silicon Supplies 54HC125 Datasheet HTML 4Page - Silicon Supplies 54HC125 Datasheet HTML 5Page - Silicon Supplies 54HC125 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Page 4 of 6 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
High Speed CMOS Logic – 54HC125
Rev 1.0
22/04/19
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
2.0V
1.9
1.9
1.9
4.5V
4.4
4.4
4.4
6.0V
VIN = VIH
│IOUT│≤ 20µA
5.9
5.9
5.9
V
3.0V
VIN = VIH
│IOUT│≤ 3.6mA
2.48
2.34
2.2
4.5V
VIN = VIH
│IOUT│≤ 6.0mA
3.98
3.84
3.70
Minimum High-Level
Output Voltage
VOH
6.0V
VIN = VIH
│IOUT│≤ 7.8mA
5.48
5.34
5.20
V
2.0V
0.1
0.1
0.1
4.5V
0.1
0.1
0.1
6.0V
VIN = VIL
│IOUT│≤ 20µA
0.1
0.1
0.1
V
3.0V
VIN = VIL
│IOUT│≤ 3.6mA
0.26
0.33
0.40
4.5V
VIN = VIL
│IOUT│≤ 6.0mA
0.26
0.33
0.40
Maximum Low-Level
Output Voltage
VOL
6.0V
VIN = VIL
│IOUT│≤ 7.8mA
0.26
0.33
0.40
V
Maximum Input
Leakage Current
IIN
6.0V
VIN = VCC or GND
±0.1
±1.0
±1.0
µA
Maximum 3-State
leakage current
IOZ
6.0V
VOUT = VCC or
GND,
VIN = VIL or VIH
±0.5
±5.0
±10
µA
Maximum Quiescent
Supply Leakage
Current
ICC
6.0V
VIN = VCC or GND
IOUT = 0µA
4
40
160
µA
DC Electrical Characteristics continued (Voltages Referenced to GND)
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
2.0V
90
115
135
3.0V
36
45
60
4.5V
18
23
27
Maximum Propagation
Delay,
Input A to Output Y
(Figure 1, 3)
tPLH, tPHL
6.0V
CL = 50pF,
Input
tr = tf = 6ns
15
20
23
ns
2.0V
120
150
180
3.0V
45
60
80
4.5V
24
30
36
Maximum Propagation
Delay,
Output Enable to Y
(Figure 2,4)
tPLZ, tPHZ
6.0V
CL = 50pF,
Input
tr = tf = 6ns
20
26
31
ns
AC Electrical Characteristics5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com