Electronic Components Datasheet Search
  English  ▼

X  

LM193 Datasheet(PDF) 4 Page - Silicon Supplies

Part # LM193
Description  Dual Differential Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

LM193 Datasheet(HTML) 4 Page - Silicon Supplies

  LM193 Datasheet HTML 1Page - Silicon Supplies LM193 Datasheet HTML 2Page - Silicon Supplies LM193 Datasheet HTML 3Page - Silicon Supplies LM193 Datasheet HTML 4Page - Silicon Supplies LM193 Datasheet HTML 5Page - Silicon Supplies LM193 Datasheet HTML 6Page - Silicon Supplies LM193 Datasheet HTML 7Page - Silicon Supplies LM193 Datasheet HTML 8Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
 
 
 
Dual Differential Comparator – LM193 
Rev 1.1
21/01/18
DC Electrical Characteristics (T
A = -55°C to 125°C unless otherwise specified)
LIMITS
 
PARAMETER
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
SYMBOL
CONDITIONS
UNITS
MIN
TYP
MAX
VI(-) =1V, VI(+) = 0V,
VO ≤1.5V, VCC =5V,
Output Sink Current
ISINK
TA = 25°C
6
16
-
mA
25°C
-
250
400
Saturation Voltage
VSAT
VI(-) =1V, VI(+) = 0V
ISINK ≤ 4mA, VCC=5V
125°C
-
-
700
mV
VO=5V,
TA = 25°C
-
0.1
-
Output Leakage
Current
IOL
VI(+)=1V,
VI(-)=0V
VO=30V,
TA = 125°C
-
-
1000
nA
Differential Input
Voltage Range
VIDR
All VIN ≥ GND or
V- Supply (if used)
-
-
VCC
V
Typical Applications
FIGURE 1. Basic Comparator
FIGURE 3. Driving CMOS
FIGURE 2. Driving TTL
Page 4 of 8 
www.siliconsupplies.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com