Electronic Components Datasheet Search
  English  ▼

X  

LM193 Datasheet(PDF) 1 Page - Silicon Supplies

Part # LM193
Description  Dual Differential Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

LM193 Datasheet(HTML) 1 Page - Silicon Supplies

  LM193 Datasheet HTML 1Page - Silicon Supplies LM193 Datasheet HTML 2Page - Silicon Supplies LM193 Datasheet HTML 3Page - Silicon Supplies LM193 Datasheet HTML 4Page - Silicon Supplies LM193 Datasheet HTML 5Page - Silicon Supplies LM193 Datasheet HTML 6Page - Silicon Supplies LM193 Datasheet HTML 7Page - Silicon Supplies LM193 Datasheet HTML 8Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
 
 
 Dual Differential Comparator – LM193
 
Low power, low offset voltage dual comparator in bare die form
Rev 1.1
21/01/18
Single-Supply range: 2-36V
Split–Supply range: ±1.0V to ±18V
Very low supply current independent of supply
voltage (1 mW/comparator at +5V)
Very Low Current Drain
Very Low Input Offset Current
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Die Size (Unsawn)
730 x 750
29 x 30
µm
mils
Minimum Bond Pad Size
90 x 90
3.54 x 3.54
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
Low Input Offset Voltage
TTL, DTL, ECL, MOS, CMOS compatible outputs.
 
Features:
The following part suffixes apply:
Description
The LM193 is a dual precision voltage comparator
operating with either single or split supply over a wide
voltage range. In single supply operation, the device
uniquely produces a common mode range-to-ground
level. In split supply operation the low power supply
current drain is independent of the magnitude of supply
voltage and reduces power consumption versus
standard comparators. The device directly interfaces
TTL, CMOS and also interfaces MOS in split supply
configuration. Offset voltage characteristics as low as
1mV improve efficiency and further reduce power
consumption. The die size is one of the smallest in the
industry.
Ordering Information
Die Dimensions in µm (mils)
730 (29)
No suffix - MIL-STD-883 /2010B Visual Inspection
“H” - MIL-STD-883 /2010B Visual Inspection
+ MIL-PRF-38534 Class H LAT
“K” - MIL-STD-883 /2010A Visual Inspection (Space)
+ MIL-PRF-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
For a higher electrical grade version of this product see LM193A
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(15 Mils) – On request
Assembled into Ceramic Package – On request
Page 1 of 8 
www.siliconsupplies.com


Similar Part No. - LM193

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM193 NSC-LM193 Datasheet
322Kb / 15P
Low Power Low Offset Voltage Dual Comparators
logo
NXP Semiconductors
LM193 PHILIPS-LM193 Datasheet
121Kb / 6P
Low power dual voltage comparator
1995 Nov 27
logo
Texas Instruments
LM193 TI-LM193 Datasheet
413Kb / 18P
DUAL DIFFERENTIAL COMPARATORS
logo
STMicroelectronics
LM193 STMICROELECTRONICS-LM193 Datasheet
264Kb / 15P
Low Power Dual Voltage Comparators
Feb-2006
logo
Texas Instruments
LM193 TI-LM193 Datasheet
458Kb / 18P
DUAL DIFFERENTIAL COMPARATORS
More results

Similar Description - LM193

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1414 MOTOROLA-MC1414 Datasheet
210Kb / 4P
DUAL DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM393 UTC-LM393_05 Datasheet
184Kb / 6P
DUAL DIFFERENTIAL COMPARATOR
logo
GTM CORPORATION
GSCLM393 GTM-GSCLM393 Datasheet
229Kb / 4P
DUAL DIFFERENTIAL COMPARATOR
logo
First Components Intern...
LM393 FCI-LM393 Datasheet
71Kb / 4P
Dual Differential Comparator
logo
SeCoS Halbleitertechnol...
SPWLM393D SECOS-SPWLM393D Datasheet
761Kb / 4P
Dual Differential Comparator
SPWLM393S SECOS-SPWLM393S Datasheet
763Kb / 4P
Dual Differential Comparator
logo
Texas Instruments
LM293-EP TI1-LM293-EP Datasheet
346Kb / 8P
DUAL DIFFERENTIAL COMPARATOR
LM293-EP TI1-LM293-EP_14 Datasheet
346Kb / 9P
DUAL DIFFERENTIAL COMPARATOR
LM293-EP TI1-LM293-EP_16 Datasheet
346Kb / 8P
DUAL DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM393 UTC-LM393 Datasheet
181Kb / 5P
DUAL DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com