Electronic Components Datasheet Search
  English  ▼

X  

H110 Datasheet(PDF) 4 Page - DFI Inc

Part # H110
Description  6th/7th Gen Intel® CoreTM ATX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

H110 Datasheet(HTML) 4 Page - DFI Inc

  H110 Datasheet HTML 1Page - DFI Inc H110 Datasheet HTML 2Page - DFI Inc H110 Datasheet HTML 3Page - DFI Inc H110 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.dfi.com
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © December 21, 2023 DFI Inc.
PACKING LIST
OPTIONAL ITEMS
1 KD630-H110 motherboard
1 COM port cable (Length: 300mm, 2 x COM ports)
A81-015026-023G
1 Serial ATA data cable (Length: 500mm)
332-553001-005G
1 I/O shield
A49-SD6300-001G
1 M.2 standoff
A33-725019-090G
1 M.2 Screw
A32-112016-041G
1 Mini PCIe Screw
A32-112016-041G
USB port cable (Length: 350mm)
A81-001066-016G
COM port cable (Length: 300mm, 2 x COM ports)
A81-015026-023G
Serial ATA data cable (Length: 500mm)
332-553001-005G
Thermal solution (For 35W, Height: 37.3mm)
A71-103004-000G
Thermal solution (For 65W, Height: 74.47mm)
A71-101158-000G
Thermal solution (For 95W, Height: 77.2mm)
761-103001-000G 
LPC EXT-RS232 module (4 x RS232 ports)
770-EXTRS1-000G
LPC EXT-RS485 module (4 x RS485 ports)
770-EXTRS1-100G
Mini PCIe bracket (expansion for full sized mini PCIe)
A31-028423-000G
Mini PCIe Screw (expansion for full sized mini PCIe)
A32-31201F-020G
ENVIRONMENT
Temperature
Operating: -5 to 65°C
Storage: -30 to 60°C with RTC Battery; -40 to 85°C without RTC Battery
Humidity
Operating: 5 to 90% RH
Storage: 5 to 90% RH
MTBF
537,439 hrs @ 25°C; 306,531 hrs @ 45°C; 192,776 hrs @ 60°C; 164,675 hrs @ 65°C
MECHANICAL
Dimensions
ATX Form Factor 305mm (12") x 244mm (9.6")
Height
PCB: 1.6mm
Top Side: 38.1mm
Bottom Side: 3mm
CERTIFICATIONS
CE, FCC, RoHS, UKCA
ORDERING INFORMATION
Model Name
P/N
Memory
GbE RS-232/422/485
RS-232
USB 3.1 Gen1
USB 2.0 Power
Thermal
Temp.
KD630-H110C
770-KD6303-000G
2 DDR4 DIMM
2
2
4
4
6
24-pin ATX
Active
0 to 60oC
SPECIFICATION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com