Electronic Components Datasheet Search
  English  ▼

X  

H110 Datasheet(PDF) 1 Page - DFI Inc

Part # H110
Description  6th/7th Gen Intel® CoreTM ATX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

H110 Datasheet(HTML) 1 Page - DFI Inc

  H110 Datasheet HTML 1Page - DFI Inc H110 Datasheet HTML 2Page - DFI Inc H110 Datasheet HTML 3Page - DFI Inc H110 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
6th/7th Gen Intel® CoreTM
ATX
KEY FEATURES
DDR4
4K High
Resolution
2 Independent
Displays
Multiple
Expansion
Rich I/O
2 DDR4 UDIMM up to
32GB
Supports 4K/ 2K reso-
lution
VGA+DVI-I / VGA+HDMI /
DVI-I+HDMI
1 PCIe x16, 1 PCIe x4,
5 PCI, 1 M.2 M key,
1 mSATA
2 Intel GbE, 6 COM,
4 USB 3.1 Gen1,
6 USB 2.0
USB 2.0
VGA
USB3.1 Gen1
KD630-H110
Top View
Desktop
Intel Core i7/i5/i3
PCI
PS/2 KB/MS
COM1
DVI-I
HDMI
Line-out
Mic-in
LAN1 LAN2
USB 2.0
SATA 3.0
System Fan 2
COM 6
COM 5
COM 4
COM 3
COM 2
Front Audio
mSATA
12V Power
DIO
ATX Power
DDR4 UDIMM
CPU Fan
System Fan 1
M.2 M key
PCIe x16
SATA 3.0
Intel® H110 chipset
Front Panel
PCIe x4
PCI


Similar Part No. - H110

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
H1100 MPSIND-H1100 Datasheet
316Kb / 1P
FLAT WIRE HIGH CURRENT INDUCTOR
H1100-100 MPSIND-H1100-100 Datasheet
316Kb / 1P
FLAT WIRE HIGH CURRENT INDUCTOR
H1100-150 MPSIND-H1100-150 Datasheet
316Kb / 1P
FLAT WIRE HIGH CURRENT INDUCTOR
H1100-220 MPSIND-H1100-220 Datasheet
316Kb / 1P
FLAT WIRE HIGH CURRENT INDUCTOR
H1100-330 MPSIND-H1100-330 Datasheet
316Kb / 1P
FLAT WIRE HIGH CURRENT INDUCTOR
More results

Similar Description - H110

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
IMB501 AXIOMTEK-IMB501_17 Datasheet
304Kb / 1P
ATX Industrial Motherboard with LGA1151 Socket 6th/7th Gen Intel Core Processor
IMB502 AXIOMTEK-IMB502 Datasheet
406Kb / 1P
ATX Industrial Motherboard with LGA1151 Socket 6th/7th Gen Intel Core Processor
logo
DFI Inc
SU251 DFI-SU251 Datasheet
992Kb / 2P
6th Gen Intel CoreTM 4"||" "1251089
6th Gen Intel Core 4"||" "1251090
SU256-SCM DFI-SU256-SCM Datasheet
768Kb / 2P
6th Gen Intel® CoreTM 4"
July 27, 2020
SU551 DFI-SU551 Datasheet
1Mb / 2P
7th/6th Gen Intel Core 3.5"||" "1251092
iscN-Channel MOSFET Transistor
WM342-KD330 DFI-WM342-KD330 Datasheet
486Kb / 4P
6th/7th Gen Intel Core Processor
WM343-KD330 DFI-WM343-KD330 Datasheet
693Kb / 2P
6th/7th Gen Intel CoreTM Processor Desktop Box PC
WM343-KD331 DFI-WM343-KD331 Datasheet
693Kb / 2P
6th/7th Gen Intel CoreTM Processor Desktop Box PC
WM343-SD330 DFI-WM343-SD330 Datasheet
648Kb / 2P
6th Gen Intel CoreTM Processor Desktop Box PC
WM343-SD331 DFI-WM343-SD331 Datasheet
648Kb / 4P
6th Gen Intel CoreTM Processor Desktop Box PC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com