Electronic Components Datasheet Search
  English  ▼

X  

12404 Datasheet(PDF) 1 Page - Evolt

Part # 12404
Description  UMBRA PROFESSIONAL IP65
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EKTOR [Evolt]
Direct Link  ektor.com
Logo EKTOR - Evolt

12404 Datasheet(HTML) 1 Page - Evolt

  12404 Datasheet HTML 1Page - Evolt 12404 Datasheet HTML 2Page - Evolt 12404 Datasheet HTML 3Page - Evolt  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UMBRA PROFESSIONAL IP65
Professional IP65 Weatherproof Batten, DALI
Smartest and most feature inclusive batten on the market.
Provides long life and unrivaled control.
Flicker-free dimming throughout the dimming range which
allows light level adjustment to gain maximum power
savings.
IP65 weatherproof rating and IK08 impact rating.
LED lifetime >102,000 hours (L70), >102,000 hours (L80)
and 55,000 hours (L90).
12 years design life at max. ambient
Full support for DALI and DALI-2 (IEC 62386) DT6 (LED).
Emergency models fully compliant (AS/NZS 2293.3) and
supports DALI DT1 (EM).
Soft-start battery charger to reduce building load, allowing
the building to stabilize before adding additional load.
High quality lithium battery (LiFePO4) and smart charger
to ensure long battery service life.
Power monitoring (DT51) allows control systems to
montior and report active power and total power
consumption.
Built-in DALI-2 switch can be used for standalone control
or unlimited control with DALI-2 compliants control
systems.
ORDERING INFORMATION
Order code
12093
Description
UMBRA PRO 1200mm
Weatherproof LED Emergency
batten
Driver Type
DALI DT6 LED Driver
DALI DT6 ~ Includes DALI-2 Driver with full support for DT6 allowing flicker free
dimming with compliant DALI-2 Application controllers.
Item Code
EV-UMBRA-PRO-IP65-1200-EM
EFFICIENCIES
Total System Efficiency
137 lm/W
The performance of each component of a luminaire is demonstrated through its
efficiencies, which together determine the total system efficiency of the
product. The output of the LED chip is first multiplied by the optical and thermal
efficiencies to calculate the Luminaire efficiency. However, this calculation does
not consider the driver efficiency. To determine the overall efficiency of the
system, the Luminaire efficiency must be multiplied by the driver efficiency,
which accounts for all losses in the system.
MECHANICAL
Body Material
Polycarbonate
Diffuser Material
Polycarbonate
Fitting Colour
Grey
IK Rating
IK08
Installation Type
Surface mount
IP Rating
IP65
ELECTRICAL
Electrical Rating
Class I
Input Frequency
50 Hz
Input voltage
230Vac
In Australia the Input voltage is defined as 230Vac -6%/+10%. This effectively
means that the voltage range of these products are 216Vac - 253Vac or 240V
+6%
Maximum Wattage
33 W
Power Factor
0.95
Standby Power
0.3 W
Standby power for non-maintained/switched maintained emergency devices is
measured when the light is off and the charger is in standby mode. For
maintained emergency devices, standby power is measured when the light is on
and the charger is in standby mode. Typically, charging occurs for the first 16
hours after the device is powered or after a battery discharge.
1300 438 658
sales@evolt.com.au
ektor.com.au
© 2025 Evolt


Similar Part No. - 12404

ManufacturerPart #DatasheetDescription
logo
Evolt
12404 EKTOR-12404 Datasheet
867Kb / 4P
UMBRA ADVANCED IP65
2nd of February 2025 22:46:27
12404 EKTOR-12404 Datasheet
851Kb / 4P
UMBRA ADVANCED IP65
29th of January 2025 00:30:32
12404 EKTOR-12404 Datasheet
847Kb / 4P
UMBRA ADVANCED IP65
3rd of February 2025 06:00:28
12404 EKTOR-12404 Datasheet
125Kb / 3P
UMBRA ADVANCED IP65
3rd of February 2025 05:56:27
12404 EKTOR-12404 Datasheet
123Kb / 3P
UMBRA ADVANCED IP65
3rd of February 2025 05:56:27
More results

Similar Description - 12404

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT3157W-832-PCT AXIOMTEK-GOT3157W-832-PCT Datasheet
481Kb / 2P
IP65 front bezel
logo
List of Unclassifed Man...
WC610620PFLAP ETC1-WC610620PFLAP Datasheet
69Kb / 1P
Professional Handcrimpwerkzeug Professional hand crimp tool
logo
Vishay Siliconix
MMU01020C1009FB300 VISHAY-MMU01020C1009FB300 Datasheet
235Kb / 13P
Professional MELF Resistors
05-Mar-12
logo
List of Unclassifed Man...
71030 ETC2-71030 Datasheet
3Mb / 1P
Professional Tools for Professional Results
logo
AAEON Technology
OMNI-3195HTT-BT-A1-1010 AAEON-OMNI-3195HTT-BT-A1-1010 Datasheet
200Kb / 2P
IP65 Compliant Front Bezel
logo
OSRAM GmbH
GDPSLR31.13 OSRAM-GDPSLR31.13 Datasheet
1Mb / 21P
Professional downlights
logo
PUI audio inc.
AS03208MS-3-R PUIAUDIO-AS03208MS-3-R Datasheet
449Kb / 4P
IP65 rated speaker face
logo
Lorlin Electronics Ltd.
CKF LORLIN-CKF Datasheet
929Kb / 4P
CKF IP65 ROTARY SWITCH
logo
Inventronics Inc.
SSM-440SXXXHF INVENTRONICS-SSM-440SXXXHF Datasheet
516Kb / 10P
440W Programmable IP65 Driver
Rev.A
logo
CamdenBoss Ltd.
CCPPRI30 CAMDENBOSS-CCPPRI30 Datasheet
207Kb / 1P
IP65 illuminated pushbuttons
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com