Electronic Components Datasheet Search
  English  ▼

X  

12404 Datasheet(PDF) 2 Page - Evolt

Part # 12404
Description  UMBRA PROFESSIONAL IP65
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EKTOR [Evolt]
Direct Link  ektor.com
Logo EKTOR - Evolt

12404 Datasheet(HTML) 2 Page - Evolt

  12404 Datasheet HTML 1Page - Evolt 12404 Datasheet HTML 2Page - Evolt 12404 Datasheet HTML 3Page - Evolt  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Switch Type
Inbuilt Mains Rated DALI Switch
A Terminal input has been provided to allow the wiring of a Main rated switch
input. This input can be programmed to switch any controlled area when using a
DALI-2 compliant control system. This input supports IEC62386-301
(momentary or rocker switches), IEC62386-302 (on /off switches) and
IEC62386-303 (mains rated sensor inputs).
System Max Wattage
30 W
Working Temp Range
0 to 40 °C
LAMP
Macadam Steps (SDCM)
3-step MacAdam Ellipse
CCT Configuration
Single
Colour Rendering Index (CRI)
>84
Lamp/LED Current
850 mA
Lamp/LED voltage
36 V
LED LIFETIME
LED Lifetime
>102000 hrs
This is the Reported LED Lifetime in Hours based on TM-21. Ektor does not list
the projected or calculated LED lifetime, which is normally longer as TM-21
Addendum B explicitly states "The Calculated and Projected Lp(Dk) are not to be
reported". This Lifetime refers to the life of a single LED however the system life
is longer since the probability and binomial distribution of all LEDs in the system
means that the average led is performing above the specification and
compensates for the LEDs falling below.
Ambient Temp (°C)
25 °C
40 °C
L90B10
55000 hrs
55000 hrs
This rating defines the performance of the led within its lifetime. L relates to
lumen depreciation, where the proceeding number gives the resultant lumen
output at the end of it reported lifetime. L70, would mean 30% lumen
depreciation which means 70% of its initial output and is tested accordingly to
TM-21. The B part refers to failures, which can be define as the percentage of
LEDs which fall below the L value in the projected lifetime. A value of B10 refers
to 10% failure and a value of B50 refers to 50% failure. After the defined lifetime,
the system will reach the defined lumen depreciation and the average led
failures is defined by the B rating. The B rating is defined in and tested to
IEC62717.
TM-21 Test Hours
17000 hrs
COLOUR TEMPERATURE
CCT
4000 K
Luminaire Lumens
4100 lm
All photometric data has a tolerance of ±10%. Luminaire lumens refers to the
exit lumens or delivered lumens from the luminaire.
DRIVER
Dimmable
Yes
Driver Included
Yes
Integrated Driver
No
Driver Mode
Constant Current
Driver Type
DALI DT6 LED Driver
DALI DT6 ~ Includes DALI-2 Driver with full support for DT6 allowing flicker free
dimming with compliant DALI-2 Application controllers.
Power Monitoring
DALI Device type 51 power
monitoring
Inbuilt DALI-2 support for Device type 51 - Power monitoring for use with DALI-2
compliant control systems which allows the reporting of the products total
power consumption for power aggregation and measurements.
Wiring Type
Re-wireable terminal block (6
pin)
PSTLM
0.08
Short Term Light Modulation (PstLM): The requirement is that PstLM should be
less than or equal to 1.0. This metric measures the short-term flicker severity
and ensures that flicker is not perceptible or is at a level that does not cause
discomfort or health issues.
SVM
0.018
Stroboscopic Visibility Measure (SVM): The requirement for SVM is that it
should be less than or equal to 0.4. The SVM metric assesses the visibility of the
stroboscopic effect, which can make moving objects appear to be stationary or
moving in discrete steps, thus ensuring that this effect is minimized in lighting
environments to prevent visual discomfort and safety hazards.
EMERGENCY (EM SUFFIX)
Replacement Battery Code
01303
Emergency Classification
C0:D100, C90:D63
Emergency Control
DALI Monitored (DT1)
DALI Monitored ~ Supports Emergency test and monitoring over DALI
(IEC62386) with full compliance to IEC62386-202.
Emergency Duration
90 mins
Emergency Lumen Output
700 lm
Emergency Mode
Maintained
COMPLIANCE
Product Design Life
12 years
The product design life relates to the total product life which includes LEDs,
drivers and the enclosure. This is different to the LED lifetime which only refers
to the economical lifetime of the LEDs at which time the lumen output has
dropped below the L Value. The product design life is calculated at the
maximum ambient or working temperature of the product and takes into
account the Daily Use.
Standards
AS/NZS 60598.1
AS 60598.2.22
AS/NZS 61347.1
AS/NZS 61347.2.13
AS CISPR 15
AS/NZS 2293.3
IEC 62386-102
IEC 62386-103
Information is subject to change without prior notice. Images are for illustrative purposes only. E&OE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com