Electronic Components Datasheet Search
  English  ▼

X  

PCM1609APTR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1609APTR
Description  24-BIT, 192-kHz SAMPLING, 8-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1609APTR Datasheet(HTML) 19 Page - Texas Instruments

Back Button PCM1609APTR Datasheet HTML 15Page - Texas Instruments PCM1609APTR Datasheet HTML 16Page - Texas Instruments PCM1609APTR Datasheet HTML 17Page - Texas Instruments PCM1609APTR Datasheet HTML 18Page - Texas Instruments PCM1609APTR Datasheet HTML 19Page - Texas Instruments PCM1609APTR Datasheet HTML 20Page - Texas Instruments PCM1609APTR Datasheet HTML 21Page - Texas Instruments PCM1609APTR Datasheet HTML 22Page - Texas Instruments PCM1609APTR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
www.ti.com
CONTROL INTERFACE TIMING REQUIREMENTS
t(MCH)
1.4 V
ML
t(MLS)
LSB
1.4 V
t(MCL)
t(MHH)
t(MLH)
t(MCY)
t(MDH)
t(MDS)
MC
MDI
LSB
MDI
T0013-05
LSB
50% of VDD
MDO
t(MOS)
1.4 V
PCM1609A
SLES145A – AUGUST 2005 – REVISED AUGUST 2006
Figure 26 shows the timing of the auto-increment read operation. The operation begins by writing control register
11, setting INC to 1, and setting REG[6:0] to the first register to be read in the sequence. The actual read
operation starts on the next HIGH-to-LOW transition of the ML pin.
The read cycle starts by setting the R/W bit of the control word to 1, and setting all of the IDX[6:0] bits to 0. All
subsequent bits input on MDI are ignored while ML is set to 0. For the first eight clocks of the read cycle, MDO
is set to the high-impedance state. This is followed by a sequence of 8-bit words, each corresponding to the
data contained in control registers N through Y, where N is defined by the REG[6:0] bits in control register 11,
and where Y is the last register to be read. The read cycle is completed when ML is set to 1, immediately after
the MC clock cycle for the least-significant bit of the last register has completed. If ML is held low and the MC
clock continues beyond the last physical register (register 19), the read operation returns to control register 1
and subsequent control registers, continuing until ML is set to 1.
Figure 27 shows a detailed timing diagram for the serial control interface. Pay special attention to the setup and
hold times, as well as t(MLS) and t(MLH), which define minimum delays between the edges of the ML and MC
clocks. These timing parameters are critical for proper control-port operation.
SYMBOL
PARAMETER
MIN
MAX
UNITS
t(MCY)
MC pulse cycle time
100
ns
t(MCL)
MC low-level time
50
ns
t(MCH)
MC high-level time
50
ns
t(MHH)
ML high-level time
300
ns
t(MLS)
ML falling edge to MC rising edge
20
ns
t(MLH)
ML hold time (1)
20
ns
t(MDH)
MDI hold time
15
ns
t(MDS)
MDL setup time
20
ns
t(MOS)
MC falling edge to MDO stable
30
ns
(1)
MC rising edge for LSB to ML rising edge.
Figure 27. Control Interface Timing
19
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com