Electronic Components Datasheet Search
  English  ▼

X  

16521 Datasheet(PDF) 1 Page - Atom Lighting

Part # 16521
Description  AT9251 IP67
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

16521 Datasheet(HTML) 1 Page - Atom Lighting

  16521 Datasheet HTML 1Page - Atom Lighting 16521 Datasheet HTML 2Page - Atom Lighting 16521 Datasheet HTML 3Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AT9251 IP67
LED Strip with cable - IP67 - 4.8W/m
UV stabilized Silicon sleeve which provides
excellent mechanical and IP67 protection.
Ideal for outdoor use or in areas where mechanical
protection is required without the need for
additional extrusion
A Flexible Silicon sleeve allows the strip to bend
around gradual corners.
Superior efficacy and Colour Rendering Index (CRI)
>90
Sealed ends with silicon boots
Superior 24V design
60,000 hour LED life
Supplied with 3M adhesive tape
No additional heatsinking required, however
heatsinking can be used to extend the products
service life
Large range of accessories and extrusions
ORDERING INFORMATION
Order code
16521
Description
4.8W/m IP67 1m LED Strip
with cable - WW
Item Code
AT9251/WW/IP67/1M
EFFICIENCIES
Total System Efficiency
108 lm/W
The performance of each component of a luminaire is
demonstrated through its efficiencies, which together
determine the total system efficiency of the product. The
output of the LED chip is first multiplied by the optical and
thermal efficiencies to calculate the Luminaire efficiency.
However, this calculation does not consider the driver
efficiency. To determine the overall efficiency of the system,
the Luminaire efficiency must be multiplied by the driver
efficiency, which accounts for all losses in the system.
MECHANICAL
IP Rating
IP67
ELECTRICAL
Electrical Rating
Class III
Input voltage
24Vdc
Watts Per Meter (W/m)
4.8
Working Temp Range
40 °C
LAMP
Macadam Steps (SDCM)
3-step MacAdam Ellipse
Beam Angle
120 °
CCT Configuration
Single
Colour Rendering Index (CRI)
>90
Lamp/LED voltage
24 V
LED's per meter
64
Lumens /m
520 lm/m
LED LIFETIME
LED Lifetime
>60000 hrs
This is the Reported LED Lifetime in Hours based on TM-21.
Atom does not list the projected or calculated LED lifetime,
which is normally longer as TM-21 Addendum B explicitly
states "The Calculated and Projected Lp(Dk) are not to be
reported". This Lifetime refers to the life of a single LED
however the system life is longer since the probability and
binomial distribution of all LEDs in the system means that the
average led is performing above the specification and
compensates for the LEDs falling below.
Ambient Temp (°C)
25 °C
40 °C
L80B10
52000 hrs
52000 hrs
This rating defines the performance of the led within its
lifetime. L relates to lumen depreciation, where the
proceeding number gives the resultant lumen output at the
end of it reported lifetime. L70, would mean 30% lumen
depreciation which means 70% of its initial output and is
tested accordingly to TM-21. The B part refers to failures,
which can be define as the percentage of LEDs which fall
below the L value in the projected lifetime. A value of B10
refers to 10% failure and a value of B50 refers to 50% failure.
After the defined lifetime, the system will reach the defined
lumen depreciation and the average led failures is defined by
1300 438 658
sales@evolt.com.au
atomlighting.com.au
© 2025 Evolt


Similar Part No. - 16521

ManufacturerPart #DatasheetDescription
logo
Extreme Networks.
16521 EXTREMENETWORKS-16521 Datasheet
248Kb / 15P
Scalable Cost-Effective Campus Edge Switch
28jul23
logo
Weidmuller
1652110000 WEIDMULLER-1652110000 Datasheet
530Kb / 10P
BLZP 5.08HC/08/180 AU BK BX SO
1652110000 WEIDMULLER-1652110000 Datasheet
541Kb / 10P
BLZP 5.08HC/15/180 AU BK BX
1652110000 WEIDMULLER-1652110000 Datasheet
449Kb / 10P
BLZP 5.08HC/18/180F SN OR BX PRT
logo
PHOENIX CONTACT
1652114 PHOENIX-1652114 Datasheet
56Kb / 2P
D-SUB filler plug - VS-09-BS
More results

Similar Description - 16521

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KITS ETC2-KITS Datasheet
132Kb / 1P
IP67 PANEL MOUNTING
V4NT9UL ETC2-V4NT9UL Datasheet
125Kb / 4P
sealed (IP67)
logo
PHOENIX CONTACT
1412118 PHOENIX-1412118 Datasheet
107Kb / 4P
Network cable - VS-IP67-IP67-94B-LI/5,0
logo
Taoglas antenna solutio...
MA710.A.ABI.001 TAOGLAS-MA710.A.ABI.001 Datasheet
4Mb / 21P
IP67 Waterproof
MA741.B.BI.001 TAOGLAS-MA741.B.BI.001 Datasheet
2Mb / 20P
IP67 Waterproof
MA750.W.A.ABICG.003 TAOGLAS-MA750.W.A.ABICG.003 Datasheet
2Mb / 36P
IP67 Waterproof
logo
METZ CONNECT GmbH
MMT361A315 METZ-MMT361A315 Datasheet
161Kb / 4P
Leiterplattenbuchse M12 IP67 PCB Jack M12 IP67
logo
PowerDynamics, Inc
PD-HE3-MPC-S-3-B POWERDYNAMICS-PD-HE3-MPC-S-3-B Datasheet
195Kb / 1P
IP67 DUSTPROOF / WATERPROOF
PD-HEC3-MCC-3-B POWERDYNAMICS-PD-HEC3-MCC-3-B Datasheet
151Kb / 1P
IP67 DUSTPROOF / WATERPROOF
logo
PHOENIX CONTACT
1413146 PHOENIX-1413146 Datasheet
359Kb / 9P
VS-IP67-IP67-94C-LI/10,0 - Network cable
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com