Electronic Components Datasheet Search
  English  ▼

X  

16521 Datasheet(PDF) 2 Page - Atom Lighting

Part # 16521
Description  AT9251 IP67
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

16521 Datasheet(HTML) 2 Page - Atom Lighting

  16521 Datasheet HTML 1Page - Atom Lighting 16521 Datasheet HTML 2Page - Atom Lighting 16521 Datasheet HTML 3Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
the B rating. The B rating is defined in and tested to IEC62717.
TM-21 Test Hours
10000 hrs
COLOUR TEMPERATURE
CCT
3000 K
CCT Colour
Warm White
LED Wattage
4.8 W
Luminaire Lumens
520 lm
All photometric data has a tolerance of ±10%. Luminaire
lumens refers to the exit lumens or delivered lumens from the
luminaire.
COMPLIANCE
Product Design Life
10 years
The product design life relates to the total product life which
includes LEDs, drivers and the enclosure. This is different to
the LED lifetime which only refers to the economical lifetime
of the LEDs at which time the lumen output has dropped
below the L Value. The product design life is calculated at the
maximum ambient or working temperature of the product
and takes into account the Daily Use.
Daily Use
12 hrs
The Daily Use is the recommended time required to meet the
product's design life. Installations can exceed this time,
however
the
product
design
life
will
be
reduced
proportionally.
Standards
AS/NZS 60598.1
IEC 62031
WARRANTY
Domestic Use Warranty
3 RTB (Total 3 Years)
VIP Warranty
2 Onsite, 3 RTB (Total 5
Years)
VIP warranty is available to registered users and is subjected
to additional terms and conditions.
Warranty Operating Hours
13000 hrs
This product is provided with a warranty up until the stated
warranty period or until the stated warranty operating hours
has been reached (whichever occurs first).
DIMENSIONS
Cutting Interval
125 mm
Product Height
4 mm
Product Length
1000 mm
Maximum End to End Length
5000 mm
Product Width
8 mm
LINE DRAWINGS
AT9251/IP67
Information is subject to change without prior notice. Images are for illustrative purposes only. E&OE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com