Electronic Components Datasheet Search
  English  ▼

X  

BZX84C Datasheet(PDF) 3 Page - TRANSYS Electronics Limited

Part # BZX84C
Description  SILICON PLANAR VOLTAGE REGULATOR DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

BZX84C Datasheet(HTML) 3 Page - TRANSYS Electronics Limited

  BZX84C Datasheet HTML 1Page - TRANSYS Electronics Limited BZX84C Datasheet HTML 2Page - TRANSYS Electronics Limited BZX84C Datasheet HTML 3Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BZX84
working voltage
differential
temperature coefficient
differential
resistance
resistance
VZ (V)*
rdiff (
Ω)SZ (mV/K)
rdiff (
Ω)
at IZtest = 5 mA at IZtest = 5 mA
at IZtest = 5 mA
at IZ = 1 mA
min.
max.
typ.
max.
min.
typ.
max.
typ.
max.
BZX84-
C3V3
3.10
3.50
85
95
–3.5
–2.4
0
350
600
C3V6
3.40
3.80
85
90
–3.5
–2.4
0
375
600
C3V9
3.70
4.10
85
90
–3.5
–2.5
0
400
600
C4V3
4.00
4.60
80
90
–3.5
–2.5
0
410
600
C4V7
4.40
5.00
50
80
–3.5
–1.4
0.2
425
500
C5V1
4.80
5.40
40
60
–2.7
–0.8
1.2
400
480
C5V6
5.20
6.00
15
40
–2.0
1.2
2.5
80
400
C6V2
5.80
6.60
6
10
0.4
2.3
3.7
40
150
C6V8
6.40
7.20
6
15
1.2
3.0
4.5
30
80
C7V5
7.00
7.90
6
15
2.5
4.0
5.3
30
80
C8V2
7.70
8.70
6
15
3.2
4.6
6.2
40
80
C9V1
8.50
9.60
6
15
3.8
5.5
7.0
40
100
C10
9.40
10.60
8
20
4.5
6.4
8.0
50
150
C11
10.40
11.60
10
20
5.4
7.4
9.0
50
150
C12
11.40
12.70
10
25
6.0
8.4
10.0
50
150
C13
12.40
14.10
10
30
7.0
9.4
11.0
50
170
C15
13.80
15.60
10
30
9.2
11.4
13.0
50
200
C16
15.30
17.10
10
40
10.4
12.4
14.0
50
200
C18
16.80
19.10
10
45
12.4
14.4
16.0
50
225
C20
18.80
21.20
15
55
14.4
16.4
18.0
60
225
C22
20.80
23.30
20
55
16.4
18.4
20.0
60
250
C24
22.80
25.60
25
70
18.4
20.4
22.0
60
250
at IZtest = 2 mA at IZtest = 2 mA
at IZtest = 2 mA
at IZ = 0.5 mA
BZX84-
C27
25.10
28.90
25
80
21.4
23.4
25.3
65
300
C30
28.00
32.00
30
80
24.4
26.6
29.4
70
300
C33
31.00
35.00
35
80
27.4
29.7
33.4
75
325
C36
34.00
38.00
35
90
30.4
33.0
37.4
80
350
C39
37.00
41.00
40
130
33.4
36.4
41.2
80
350
C43
40.00
46.00
45
150
37.6
41.2
46.6
85
375
C47
44.00
50.00
50
170
42.0
46.1
51.8
85
375
* Pulse test 20 ms
≤ tp ≤ 50 ms
BZX84C series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com