Electronic Components Datasheet Search
  English  ▼

X  

BZX84C Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # BZX84C
Description  SILICON PLANAR VOLTAGE REGULATOR DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

BZX84C Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  BZX84C Datasheet HTML 1Page - TRANSYS Electronics Limited BZX84C Datasheet HTML 2Page - TRANSYS Electronics Limited BZX84C Datasheet HTML 3Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SILICON PLANAR VOLTAGE REGULATOR DIODES
Marking
BZX84–C3V3 = Z14
BZX84–C7V5 = Z6
BZX84–C18 = Y6
BZX84–C43 = Y15
C3V6 = Z15
C8V2
= Z7
C20
= Y7
C47 = Y16
C3V9 = Z16
C9V1
= Z8
C22
= Y8
C4V3 = Z17
C10
= Z9
C24
= Y9
C4V7
= Zl
C11
= Yl
C27
= Y10
C5V1 = Z2
C12
= Y2
C30
= Y11
C5V6 = Z3
C13
= Y3
C33
= Y12
C6V2 = Z4
C15
= Y4
C36
= Y13
C6V8 = Z5
C16
= Y5
C39
= Y14
ABSOLUTE MAXIMUM RATINGS
Working voltage range
VZ
nom. 3.3 to 47 V
Working voltage tolerance
±5 %
Total power dissipation up to Tamb = 25 °C
Ptot
max.
300 mW
Junction temperature
Tj
max.
150 °C
BZX84C series
Pin configuration
1 = ANODE
2= NC
3 = CATHODE
PACKAGE OUTLINE DETAILS
ALL DIMENSIONS IN mm
1
2
3
Transys
Electronics
LI M ITE D


Similar Part No. - BZX84C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C RECTRON-BZX84C Datasheet
20Kb / 2P
SURFACE MOUNT ZENER DIODE
logo
Jinan Gude Electronic D...
BZX84C JGD-BZX84C Datasheet
100Kb / 1P
SURFACE MOUNT ZENER DIODES/SOT-23
logo
Fairchild Semiconductor
BZX84C FAIRCHILD-BZX84C Datasheet
197Kb / 6P
Series Zeners
logo
Shanghai Lunsure Electr...
BZX84C CHENYI-BZX84C Datasheet
22Kb / 1P
SURFACE MOUNT ZENER DIODES
logo
Continental Device Indi...
BZX84C CDIL-BZX84C Datasheet
111Kb / 4P
SILIICON PLANAR VOLTAGE REGULATOR DIODE
More results

Similar Description - BZX84C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BA282 VISHAY-BA282 Datasheet
34Kb / 3P
Silicon Planar Diodes
01-Apr-99
BAQ133 VISHAY-BAQ133 Datasheet
51Kb / 3P
Silicon Planar Diodes
31-Jul-12
BAQ33 VISHAY-BAQ33 Datasheet
48Kb / 3P
Silicon Planar Diodes
09-Dec-05
BAQ333 VISHAY-BAQ333 Datasheet
54Kb / 4P
Silicon Planar Diodes
01-Aug-12
BAS33 VISHAY-BAS33 Datasheet
35Kb / 3P
Silicon Planar Diodes
01-Apr-99
logo
Diotec Semiconductor
1N4148 DIOTEC-1N4148 Datasheet
171Kb / 2P
Silicon Planar Diodes
logo
Zetex Semiconductors
BZV49 ZETEX-BZV49 Datasheet
16Kb / 2P
SOT89 SILICON PLANAR VOLTAGE REGULATOR DIODES
logo
List of Unclassifed Man...
FMMZ5232 ETC-FMMZ5232 Datasheet
31Kb / 2P
SOT23 SILICON VOLTAGE REGULATOR DIODES
logo
Zetex Semiconductors
BZX84 ZETEX-BZX84 Datasheet
36Kb / 3P
SOT23 SILICON PLANAR VOLTAGE REGULATOR DIODES
logo
New Jersey Semi-Conduct...
1N3506 NJSEMI-1N3506 Datasheet
119Kb / 1P
SILICON VOLTAGE-REGULATOR DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com