Electronic Components Datasheet Search
  English  ▼

X  

Q170 Datasheet(PDF) 2 Page - DFI Inc

Part # Q170
Description  6th/7th Gen Intel® CoreTM Processor microATX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

Q170 Datasheet(HTML) 2 Page - DFI Inc

  Q170 Datasheet HTML 1Page - DFI Inc Q170 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KD331-Q170
Specifications
Packing List
Optional Items
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © August 22, 2024 DFI Inc.
• 1 KD331-Q170 motherboard
• 1 COM port cables (Length: 300mm, 2 x COM ports)
A81-015026-023G
• 1 Serial ATA data cable (Length: 500mm)
332-553001-005G
• 1 I/O shield
A49-KD3310-000G
• 1 M.2 standoff
A33-725019-090G
• 1 M.2 screw
A32-112016-041G
• USB 2.0 port cable (Length: 350mm)
A81-001066-016G
• USB 3.0 port cable (Length: 320mm)
A81-001052-023G
• D-SUB cable (w/Bracket, Length: 300mm, 2 x DB9)
A81-015026-023G
• Serial ATA data cable (w/Lock, Length: 500mm)
332-553001-005G
• Thermal solution (For 35W, Height: 37.3mm)
A71-103004-000G
• Thermal solution (For 65W, Height: 74.47mm)
A71-101158-000G
• Thermal solution (For 95W, Height: 77.2mm)
761-103001-000G
• LPC EXT-RS232 module (4 x RS232 ports)
770-EXTRS1-000G
• DP to HDMI Dongle
612-D2H13M-000G
SYSTEM
Processor
6th/7th Generation Intel® Core™ /Pentium®/Celeron® LGA 1151 Socket Processors with TDP up to 95W
Chipset
Intel® Q170 Chipset
Memory
Four 288-pin DIMM up to 64GB
Dual Channel DDR4 2133/2400 MHz
BIOS
Insyde SPI 128Mbit
GRAPHICS
Controller
Intel® HD Gen 9 Graphics
Feature
OpenGL 5.0, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2, VC1/WMV9, JPEG/MJPEG, HEVC/H265, VP8, VP9
HW Encode: MPEG2, AVC/H264, JPEG, HEVC/H265, VP8, VP9
Display
1 x VGA
1 x DVI-I (DVI-I-D signal)
1 x DP++
VGA: resolution up to 1920x1200 @ 60Hz
DVI-I: resolution up to 1920x1200 @ 60Hz
DP++: resolution up to 4096x2106 @ 60Hz
Triple Displays
VGA + DVI-I (DVI-D signal) + DP++
EXPANSION
Interface
2 x PCIe x16 (1 x16 or 2 x8 signal) (Gen 3)
2 x PCIe x4 (Gen 3)
1 x M.2 2260/2280 M key (SATA3.0/PCIe Gen3 x2 NVMe)
AUDIO
Audio Codec
Realtek ALC888S-VD2-GR
ETHERNET
Controller
3 x Intel® I211AT PCIe (10/100/1000Mbps)
1 x Intel® I219LM PCIe (10/100/1000Mbps) (only CoreTM i7/i5 supports iAMT)
REAR I/O
Ethernet
4 x GbE (RJ-45)
USB
4 x USB 3.0
2 x USB 2.0
Serial
1 x RS-232/422/485 (RS-232 w/ power) (DB-9)
PS/2
1 x PS/2 (mini-DIN-6)
Display
1 x VGA
1 x DVI-I (DVI-D signal)
1 x DP++
INTERNAL I/O
Serial
1 x RS-232/422/485 (RS-232 w/ power) (2.54mm pitch)
4 x RS-232 (2.54mm pitch)
USB
2 x USB 3.0 (2.00mm pitch)
4 x USB 2.0 (2.54mm pitch) or 2 x USB2.0 (2.54mm pitch) +1 x Vertical USB 2.0 (opt., MOQ required)
Audio
1 x Front Audio Header
1 x S/PDIF
SATA
5 x SATA 3.0 (up to 6Gb/s)
RAID 0/1/5/10
DIO
1 x 8-bit DIO
LPC
1 x LPC (supports LPC EXT-RS232/RS485 module)
SMBus
1 x SMBus
WATCHDOG TIMER
Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
SECURITY
TPM
Infineon TPM2.0/1.2 (opt., MOQ required)
POWER
Type
ATX
Connector
8-pin ATX 12V power
24-pin ATX power
Consumption
Typical: i7-7700: 3.3V @ 0.4817A (1.58961W); 5V @ 0.5781A (2.8905W); 12V @ 0.3707A (4.4484W)
Max.: i7-7700:3.3V @ 0.476A (1.5708W); 5V @ 0.6863A (3.4315W); 12V @ 9.2347A (110.816W)
RTC Battery
CR2032 Coin Cell
OS SUPPORT
Windows 7 32/64-bit
Window 8.1 64-bit
Windows 10 64-bit
Linux
Note: 7th Gen CPU SKU ONLY support Windows 10 64-bit & Linux.
ENVIRONMENT
Temperature
Operating: 0 to 60°C
Storage: -30 to 60°C with RTC Battery
-40 to 85°C without RTC Battery
Humidity
Operating: 5 to 90% RH
Storage: 5 to 90% RH
MTBF
503,212hrs @ 25°C; 281,329hrs @ 45°C ; 175,239hrs @ 60°C
Calculation Model: Telcordia Issue 4
Environment: GB, GC - Ground Benign, Controlled
MECHANICAL
Dimensions
microATX form factor
244mm (9.6") x 244mm (9.6")
Height
PCB: TBD
Top Side: TBD, Bottom Side: TBD
CERTIFICATIONS
CE, FCC, RoHS, UL



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com