Electronic Components Datasheet Search
  English  ▼

X  

Q170 Datasheet(PDF) 1 Page - DFI Inc

Part # Q170
Description  6th/7th Gen Intel® CoreTM Processor microATX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

Q170 Datasheet(HTML) 1 Page - DFI Inc

  Q170 Datasheet HTML 1Page - DFI Inc Q170 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USB 2.0
PS/2
KB/MS
LAN 2
COM 1
DVI-I
LAN 1
DP++
VGA
USB 3.0
KD331-Q170
Mechanical Drawing
Block Diagram
46.94
154.94
10.16
0.00
22.86
154.94
227.33
233.68
150.29
75.29
94.79
130.79
Features
6th/7th Gen Intel® CoreTM Processor
microATX
Channel A
2133/2400MHz
Channel B
2133/2400MHz
HD Audio
(Line-out,
Mic-in, S/PDIF)
LPC EXT-RS232/RS485
Module (Opt.)
Q170
PCIe x16
SATA 3.0
DDR4 DIMM 2x
DDR4 DIMM 2x
Core i7/i5/i3
DVI-D
PCIe x16 slot 2x
(1 x16 or 2 x8 signal)
IT6516BFN
DDI
VGA
R.G.B
SATA 5x
PCIe x4 2x
PCIe x4
Digital I/O 8-bit
SMBus
SMBus
SPI BIOS
SPI Bus
DDI
DP++
DDI
M.2 1x
PCIe x2
SATA3.0
RS-232/422/485 2x
RS-232 4x
H/W Monitor
LAN 1x
USB 3.0 2x
USB 3.0
USB 2.0
PCIe x1
I211AT
MDI
USB 3.0
USB 2.0
PCIe x1
I219LM
MDI
LAN 1x
USB 3.0 2x
PS/2 KB/MS
USB 2.0 2x
Super IO
with WDT
USB 2.0
LPC
LPC Bus
LPC
PCIe x1
I211AT
MDI
LAN 2x
PCIe x1
I211AT
MDI
TPM 1.2/2.0 (Opt.)
LPC Bus
Ordering Information
Model Name
P/N
Memory GbE RS-232/422/485 RS-232
USB 3.0 USB 2.0 TPM
Power
Thermal
Temp.
KD331-Q170IRM 770-KD3315-000G 4 DIMM 4
2
4
6
6
0
24-pin ATX Active
0 to 60oC
KD331-Q170IRM 770-KD3315-200G 4 DIMM 4
2
4
6
6
TPM 2.0
24-pin ATX Active
0 to 60oC
• 4 DDR4 DIMM up to 64GB
• Three independent displays: VGA + DVI-I + DP++
• DP++ resolution up to 4096x2106 @ 60Hz
• Multiple expansion:
2 PCIe x16 (1 x16 or 2 x8 signal), 2 PCIe x4, 1 M.2, 1 LPC
• Rich I/O: 4 Intel GbE, 6 COM, 6 USB 3.0, 6 USB 2.0
• LPC EXT-RS232/485 module extends additional 4 COM ports
Q170
Desktop
3 Displays
DP++
DDR4
COM ESD
Protection
air gap ±15kv
6 COM
PCIe x16
SATA 3.0
ATX Power
+12V
power
LGA
1151
Intel Q170
DDR4_1
DDR4_3
PCIe x4
DDR4_2
DDR4_4
PCIe x16 PCIe x4
CPU Fan
System
Fan_2
System
Fan_1
USB 2.0
DIO
LPC
SMBus
COM 2-6
USB 3.0
S/PDIF
Front Audio
USB 2.0
Front Panel
LAN 3/4
M.2


Similar Part No. - Q170

ManufacturerPart #DatasheetDescription
logo
Vigortronix Ltd
Q1708 VIGORTRONIX-Q1708 Datasheet
330Kb / 2P
Q1708 DC-DC Converter for Electric Vehicle
6/23
More results

Similar Description - Q170

ManufacturerPart #DatasheetDescription
logo
DFI Inc
KH960-CM238 DFI-KH960-CM238 Datasheet
890Kb / 2P
Intel Xeon/7th Gen Intel CoreTM Processor COM Express Basic
SU251 DFI-SU251 Datasheet
992Kb / 2P
6th Gen Intel CoreTM 4"||" "1251089
6th Gen Intel Core 4"||" "1251090
SU256-SCM DFI-SU256-SCM Datasheet
768Kb / 2P
6th Gen Intel® CoreTM 4"
July 27, 2020
WM342-KD330 DFI-WM342-KD330 Datasheet
486Kb / 4P
6th/7th Gen Intel Core Processor
WM342-KD331 DFI-WM342-KD331 Datasheet
488Kb / 4P
6th/7th Gen Intel Core Processor Desktop Box PC
WM343-KD330 DFI-WM343-KD330 Datasheet
693Kb / 2P
6th/7th Gen Intel CoreTM Processor Desktop Box PC
WM343-KD331 DFI-WM343-KD331 Datasheet
693Kb / 2P
6th/7th Gen Intel CoreTM Processor Desktop Box PC
WM343-SD330 DFI-WM343-SD330 Datasheet
648Kb / 2P
6th Gen Intel CoreTM Processor Desktop Box PC
WM343-SD331 DFI-WM343-SD331 Datasheet
648Kb / 4P
6th Gen Intel CoreTM Processor Desktop Box PC
DT122-SD DFI-DT122-SD Datasheet
853Kb / 4P
6th/7th Gen Intel Core Processor Desktop Box PC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com