Electronic Components Datasheet Search
  English  ▼

X  

LT1007 Datasheet(PDF) 7 Page - Texas Instruments

Part # LT1007
Description  LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1007 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LT1007 Datasheet HTML 3Page - Texas Instruments LT1007 Datasheet HTML 4Page - Texas Instruments LT1007 Datasheet HTML 5Page - Texas Instruments LT1007 Datasheet HTML 6Page - Texas Instruments LT1007 Datasheet HTML 7Page - Texas Instruments LT1007 Datasheet HTML 8Page - Texas Instruments LT1007 Datasheet HTML 9Page - Texas Instruments LT1007 Datasheet HTML 10Page - Texas Instruments LT1007 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LT1007, LT1007A, LT1037, LT1037A
LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
SLOS017C – D3195, FEBRUARY 1989 – REVISED JANUARY 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
7
TYPICAL CHARACTERISTICS
table of graphs
FIGURE
VIO
Input offset voltage
vs Temperature
1
∆VIO
Change in input offset voltage
vs Time after power on
vs Time (long-term stability)
2
3
IIO
Input offset current
vs Temperature
4
IIB
Input bias current
vs Temperature
over common-mode range
5
6
Common-mode limit voltage
vs Free-air temperature
7
VOM
Maximum peak output voltage
swing
vs Load resistance
vs Frequency
8
9
AVD
Differential voltage amplifica-
tion
vs Frequency
vs Frequency (LT1007)
vs Frequency (LT1037)
vs Temperature
vs Load resistance
vs Supply voltage
at 2 k
Ω and 600 Ω
10
11
12
13
14
15
16
VID
Differential input voltage
vs Output voltage
16
CMRR
Common-mode rejection ratio
vs Frequency
17
kSVR
Supply voltage rejection ratio
vs Frequency
18
SR
Slew rate
vs Free-air temperature (LT1007)
vs Free-air temperature (LT1037)
19
20
φ
Phase shift
vs Frequency (LT1007)
vs Frequency (LT1037)
11
12
φm
Phase margin
vs Free-air temperature (LT1007)
vs Free-air temperature (LT1037)
19
20
Vn
Equivalent input noise voltage
vs Free-air temperature
vs Time (0.01-Hz to 1-Hz noise)
vs Frequency
vs Bandwidth
vs Supply voltage
21
22
23
24
25
In
Equivalent input noise current
Total noise
vs Frequency
vs Source resistance
26
27
GBW
Gain bandwidth product
vs Free-air Temperature (LT1007)
vs Free-air Temperature (LT1037)
19
20
IOS
Short-circuit output current
vs Time (from short to GND)
28
ICC
Supply current
vs Supply voltage
29
zo
Closed-loop output impedance
vs Frequency
30
Pulse response (LT1037)
Small-signal (CL = 15 pF)
Large-signal
31
32
Pulse response (LT1007)
Small-signal (CL = 15 pF)
Large-signal
33
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com