Electronic Components Datasheet Search
  English  ▼

X  

LT1007 Datasheet(PDF) 1 Page - Texas Instruments

Part # LT1007
Description  LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1007 Datasheet(HTML) 1 Page - Texas Instruments

  LT1007 Datasheet HTML 1Page - Texas Instruments LT1007 Datasheet HTML 2Page - Texas Instruments LT1007 Datasheet HTML 3Page - Texas Instruments LT1007 Datasheet HTML 4Page - Texas Instruments LT1007 Datasheet HTML 5Page - Texas Instruments LT1007 Datasheet HTML 6Page - Texas Instruments LT1007 Datasheet HTML 7Page - Texas Instruments LT1007 Datasheet HTML 8Page - Texas Instruments LT1007 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT1007, LT1007A, LT1037, LT1037A
LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
SLOS017C – D3195, FEBRUARY 1989 – REVISED JANUARY 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Copyright
© 1993, Texas Instruments Incorporated
1
• Maximum Equivalent Input Noise Voltage:
3.8 nV/
√Hz at 1 kHz
4.5 nV/
√Hz at 10 Hz
• Low Peak-to-Peak Equivalent Input Noise
Voltage: 60 nV Typ From 0.1 Hz to 10 Hz
• Slew Rate (LT1037 and LT1037A):
11 V/
µs Min
LT1007A and LT1037A Specifications:
• High Voltage Amplification:
7 V/
µV Min, RL = 2 kΩ
3 V/
µV Min, RL = 600 Ω
• Low Input Offset Voltage:
25
µV Max
• Low Input Offset Voltage Temperature
Coefficient: 0.6
µV/°C Max
• Common-Mode Rejection Ratio: 117 dB Min
description
These monolithic operational amplifiers feature
extremely
low-noise
performance
and
out
standing precision and speed specifications.The typical differential voltage amplification (at TA = 25°C) of these
devices is an extremely high 20 V/
µV driving a 2-kΩ load to ±12 V and 12 V/µV driving, a 600-Ω load to ±10V.
In the design, processing, and testing of the device, particular attention has been paid to the optimization of the
entire distribution of several key parameters. Consequently, the specifications of even the lowest-cost grades
(the LT1007C and the LT1037C) have been greatly improved compared to equivalent grades of competing
amplifiers.
AVAILABLE OPTIONS
VIO max
PACKAGE
TA
VIO max
AT 25
°C
SMALL-OUTLINE
(DW)
CERAMIC DIP
(JG)
PLASTIC DIP
(P)
60
µV
LT1007CDW
—
LT1007CP
0
°C
to
25
µV
—
—
LT1007ACP
to
70
°C
60
µV
LT1037CDW
—
LT1037CP
70 C
25
µV
—
—
LT1037ACP
C
60
µV
—
LT1007MJG
LT1007MP
–55
°C
to
25
µV
—
LT1007AMJG
LT1007AMP
to
125
°C
60
µV
—
LT1037MJG
LT1037MP
125 C
25
µV
—
LT1037AMJG
LT1037AMP
The DW packages are available taped and reeled. Add the suffix R to the device type,
(e.g.,LT1007CDWR).
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NC
NC
VIO TRIM
IN –
IN +
VCC –
NC
NC
NC
NC
VIO TRIM
VCC+
OUT
NC
NC
NC
(TOP VIEW)
DW PACKAGE
1
2
3
4
8
7
6
5
VIO TRIM
IN –
IN +
VCC –
VIO TRIM
VCC +
OUT
NC
JG OR P PACKAGE
(TOP VIEW)
NC – No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - LT1007

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1007 LINER-LT1007 Datasheet
365Kb / 16P
Low Noise, High Speed Precision Operational Amplifiers
LT1007 LINER-LT1007 Datasheet
518Kb / 16P
Low Noise, High Speed Precision Operational Amplifiers
LT1007ACH LINER-LT1007ACH Datasheet
365Kb / 16P
Low Noise, High Speed Precision Operational Amplifiers
LT1007ACH LINER-LT1007ACH Datasheet
518Kb / 16P
Low Noise, High Speed Precision Operational Amplifiers
LT1007ACJ8 LINER-LT1007ACJ8 Datasheet
365Kb / 16P
Low Noise, High Speed Precision Operational Amplifiers
More results

Similar Description - LT1007

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OP27A TI-OP27A Datasheet
322Kb / 21P
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
LT1007 LINER-LT1007_1 Datasheet
518Kb / 16P
Low Noise, High Speed Precision Operational Amplifiers
logo
Texas Instruments
OP27CJGB TI-OP27CJGB Datasheet
329Kb / 22P
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
OP27AFKB TI-OP27AFKB Datasheet
314Kb / 22P
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
OP27GU TI-OP27GU Datasheet
314Kb / 22P
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-27 LINER-OP-27_15 Datasheet
873Kb / 12P
LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
OP-37 LINER-OP-37_15 Datasheet
873Kb / 12P
LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
LT1007 LINER-LT1007_15 Datasheet
524Kb / 16P
Low Noise, High Speed Precision Operational Amplifiers
LT1037 LINER-LT1037_15 Datasheet
524Kb / 16P
Low Noise, High Speed Precision Operational Amplifiers
logo
Texas Instruments
OP27A TI1-OP27A_14 Datasheet
327Kb / 23P
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com