Electronic Components Datasheet Search
  English  ▼

X  

02685 Datasheet(PDF) 1 Page - Evolt

Part # 02685
Description  RAZOR PRO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EKTOR [Evolt]
Direct Link  ektor.com
Logo EKTOR - Evolt

02685 Datasheet(HTML) 1 Page - Evolt

  02685 Datasheet HTML 1Page - Evolt 02685 Datasheet HTML 2Page - Evolt  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RAZOR PRO
Razor Professional Recessed Emergency Exit, 16 & 24m
Single and double-sided decals
Soft-start charger to reduce building load
Available in low illumination area black model
Fast emergency switch-over (<0.5s) for high-task areas
Chain and rod mounting with Surface and Rod Mount Kit
Long life electronics
12 years design life at max. ambient
High Quality Lithium battery (LiFePO4) and smart charger
DALI (IEC 62386-202) DT1
Self test (AS2293/IEC62034)
Ektor wired monitored system
Fully compliant (AS/NZS 2293)
ORDERING INFORMATION
Order code
02685
Description
Ektor Razor Recessed EM
edgelite Exit - 16M - Black - PRO
Driver Type
DALI DT1 Emergency
Item Code
EV-RAZOR-16M-PRO-B
MECHANICAL
Body Material
Polycarbonate
Diffuser Material
PMMA
Fitting Colour
Black
Installation Type
Recessed
IP Rating
IP20
ELECTRICAL
Electrical Rating
Class II
Input Frequency
50 Hz
Input voltage
230Vac
In Australia the Input voltage is defined as 230Vac -6%/+10%. This effectively
means that the voltage range of these products are 216Vac - 253Vac or 240V
+6%
Maximum Wattage
3.7 W
Standby Power
1.7 W
Standby power for non-maintained/switched maintained emergency devices is
measured when the light is off and the charger is in standby mode. For
maintained emergency devices, standby power is measured when the light is on
and the charger is in standby mode. Typically, charging occurs for the first 16
hours after the device is powered or after a battery discharge.
Working Temp Range
0 to 40 °C
DRIVER
Dimmable
No
Driver Included
Yes
Integrated Driver
Yes
Driver Type
DALI DT1 Emergency
Flex & Plug or Lead Length
1200 mm
Wiring Type
Re-wireable Flex & Plug (2 pin)
EMERGENCY (EM SUFFIX)
Replacement Battery Code
01302
Emergency Classification
C0:E12.5, C90:E6.3
Emergency Control
DALI Monitored (DT1)
DALI Monitored ~ Supports Emergency test and monitoring over DALI
(IEC62386) with full compliance to IEC62386-202.
Decal Size
200 x 100 mm
Emergency Duration
90 mins
Emergency Light Source Life
26Y/10M
AS2293.3-2018 Projection of Light source life for LED Exit signs (appendix E)
Defines the projected time until the surface luminance falls below the minimum
required surface luminance for an exit sign.
Emergency Mode
Maintained
Viewing Distance
16 m
1300 438 658
sales@evolt.com.au
ektor.com.au
© 2025 Evolt


Similar Part No. - 02685

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
02685.70.01 GENERAL-02685.70.01 Datasheet
79Kb / 1P
3-Conductor Grounded . Type SJ, SJOW and SJOOW . 60?C . 300 Volts
More results

Similar Description - 02685

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SDA555X INFINEON-SDA555X Datasheet
62Kb / 2P
TVText Pro
logo
Tyco Electronics
58530-1 MACOM-58530-1 Datasheet
185Kb / 5P
PRO-CRIMPER II
logo
RF Monolithics, Inc
ZPM3570-E RFM-ZPM3570-E Datasheet
1Mb / 18P
ZigBee Pro Module
logo
List of Unclassifed Man...
STM32 ETC2-STM32 Datasheet
646Kb / 2P
EasyMx PRO
logo
Extech Instruments Corp...
CT20 EXTECH-CT20 Datasheet
182Kb / 1P
Continuity Tester Pro
logo
Level One
PLI-3110 LVL1-PLI-3110 Datasheet
234Kb / 3P
HomePlug Pro PoE
logo
Samtec, Inc
LSEM SAMTEC-LSEM Datasheet
675Kb / 8P
0,80 mm (.0315?? Razor Beam??High Speed Hermaphroditic Terminal/Socket Strip
LSS SAMTEC-LSS Datasheet
700Kb / 8P
0,635mm (.025?? Razor Beam??High Speed Hermaphroditic Terminal/Socket Strip
logo
Microchip Technology
ATMBUSADAPTER-XPRO MICROCHIP-ATMBUSADAPTER-XPRO Datasheet
83Kb / 1P
mikroBUS Xplained Pro
logo
PHOENIX CONTACT
2988890 PHOENIX-2988890 Datasheet
87Kb / 3P
WEBVISIT PRO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com