Electronic Components Datasheet Search
  English  ▼

X  

02685 Datasheet(PDF) 2 Page - Evolt

Part # 02685
Description  RAZOR PRO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EKTOR [Evolt]
Direct Link  ektor.com
Logo EKTOR - Evolt

02685 Datasheet(HTML) 2 Page - Evolt

  02685 Datasheet HTML 1Page - Evolt 02685 Datasheet HTML 2Page - Evolt  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
COMPLIANCE
Product Design Life
12 years
The product design life relates to the total product life which includes LEDs,
drivers and the enclosure. This is different to the LED lifetime which only refers
to the economical lifetime of the LEDs at which time the lumen output has
dropped below the L Value. The product design life is calculated at the
maximum ambient or working temperature of the product and takes into
account the Daily Use.
Standards
AS/NZS 60598.1
AS 60598.2.22
AS/NZS 61347.1
AS/NZS 61347.2.13
AS CISPR 15
AS/NZS 2293.3
WARRANTY
Commercial Use Warranty
8 RTB (Total 8 Years)
DIMENSIONS
Minimum Ceiling Depth
100 mm
Cutout
305 x 65 mm
Product Height
210 mm
Product Length
365 mm
Product Width
95 mm
LINE DRAWINGS
EV/RAZOR/16M/PRO
PHOTOMETRICS
EV/RAZOR/16M/PRO
ACCESSORIES
ORDER CODE
ITEM CODE
DESCRIPTION
00705
EV-CMS-2.4M-5PIN
CMS 2.4M 5 Pin Plug Set - with Green Plug to suit GEN III ledfires
11790
EV-CMS-5CORE-DALI-F&P
CMS 2.5M 5 core DALI flex and plug with bootlaced ends
02990
EV-RAZOR-16M-DIFF-B
Razor 16M Diffuser - Black
02986
EV-RAZOR-16M-DP-B
Razor 16M decal pack - Black to suit 02685
02982
EV-RAZOR-LEDFIRE-SM-KIT-B
Black Surface Mounted Kit to suit 2685- 2687- 2664 & 2665.
05302
EV-RAZOR-PLATE
Steel Plate for Large Hole in Ceiling to suit 2684- 2686- 2660- 2661 & 2663.
02004
EV-RODMOUNT-BLK
Rodmount Brackets only for roof and luminaire body - Black (Rod size -25mm)
00706
EV-WAGO-2.4M-F&P
Wago 2.4M Plug 5-P Blue WAGO 51110475
00709
EV-WIREDBYCLICK-2.4M-F&P
Wire By Click 2.4M 5-Pin Lead L1025/5
Information is subject to change without prior notice. Images are for illustrative purposes only. E&OE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com