Electronic Components Datasheet Search
  English  ▼

X  

VC900-M8M Datasheet(PDF) 3 Page - DFI Inc

Part # VC900-M8M
Description  NXP i.MX8M ARM-Based In-vehicle System
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

VC900-M8M Datasheet(HTML) 3 Page - DFI Inc

  VC900-M8M Datasheet HTML 1Page - DFI Inc VC900-M8M Datasheet HTML 2Page - DFI Inc VC900-M8M Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.dfi.com
•
1 x VC900-M8M system unit
•
1 x Wall mount bracket/screw pack
•
1 x Quick installation guide
Optional Items
Part Number
Description
LTE 4G
761-EM06KE-000G
4G Module Kit, W/Antenna*3, SMA Cable*3, Quectel LTE-A Cat 6 M.2 Module, 42x30x2.3mm,
EM06K-EA(QUECTEL) RoHS
WiFi + BT
761-ES2200-100G
Wi-Fi Kit WiFi+BT Kit, WiFI+BT Module, W/2 Dipole Antenna, 2 MHF4 Cable/200mm,
RTL8822CE(ENLI) RoHS
Power Switch Cable
A81-006065-016G
Power SWITCH CABLE, Terminal Block 1*3P/5.0mm to DC Jack, L=100mm with ignition
switch button
Power Adapter
671-106012-000G
POWER ADAPTER, 60W, EA10681N-120, Input:100~240V, Output:12V/5A, 113x49x35mm,
L=1500mm, DC PLUG 5.5*2.5*10mm(Lockable), LV6, 62368-1, EA10681N(183)(EDAC)RoHS
OPTIONAL ITEMS
PACKING LIST
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © November 15, 2024 DFI Inc.
ORDERING INFORMATION
Model Name
Part Number
CPU
Memory
eMMC
LAN
HDMI
CAN
COM USB 3.0 Fanless
VC900-M8M
750-VC9000-000G i.MX8M Quad 4GB memory
16GB eMMC
1
1
1
4
2
Fanless
VC900-M8M
750-VC9000-100G
i.MX8M Dual 2GB memory
SPECIFICATION
SYSTEM
Processor
NXP i.MX8M Quad, Cortex-A53 1.3GHz (by model)
NXP i.MX8M Dual, Cortex-A53 1.3GHz (by model)
Memory
On board memory 2GB/4GB (by model)
Single channel LPDDR4 up to 3200 MHz
GRAPHICS
Display
1 x HDMI
resolution up to 1920x1080 @ 60 Hz
STORAGE
External
Micro SD card slot
Internal
eMMC 5.1 16GB on board, support up to 64GB (optional)
LED
Indicators
1 x Status LED
EXPANSION
M.2
1 x M.2 2242/3042 B Key (USB 3.1 Gen1), Nano SIM Slot support
1 x M.2 2230 E Key (PCIex1/USB2.0)
SENSOR
Sensor
6 axis IMU (3 Accelerometer + 3 Gyroscope)
FRONT I/O
Ethernet
1 x Giga LAN, RJ-45
Serial
1 x RS-232/422/485 (COM1)
USB
2 x USB 3.0, type A
1 x OTG, micro USB
Display
1 x HDMI
Audio
with Amplifier to support 2W speaker (optional)
1 x Line-out & 1 x MIC-in (internal header)
Buttons
1 x Power reset button
CANbus
1 x CANbus, DB-9
REAR I/O
Antenna
4 x Antenna holes for LTE 4G, WiFi and GPS
Serial
1 x RS-232(TX,RX,RTS,CTS) (COM2)
2 x RS-232(TX,RX) (COM3/COM4)
POWER
Type
Wide range 9~36V with ACC/IGN function
Connector
3-pole terminal block
OS SUPPORT
Linux
Yocto Linux 2.5
Android
Android 9.0 (option)
MECHANISM
Construction
Sheet Metal
Color
Black
Mounting
DIN-Rail mount
Wall mount
Dimensions (W x H x D)
220 x 122 x 43mm
Weight
1.9kg
ENVIRONMENT
Operating Temperature
-20 to 70°C
Storage Temperature
-40 to 85°C
Relative Humidity
10 to 90% RH (non-condensing)
STANDARDS AND
CERTIFICATIONS
Shock
Operating/non-operating: MIL-STD-810G Method 516.6, Procedure 1
Vibration
Operating/non-operating: MIL-STD-810G Method 514.6, Category 4
Certifciation
CE, FCC, E-Mark (E24), RoHS, UKCA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com