Electronic Components Datasheet Search
  English  ▼

X  

VC900-M8M Datasheet(PDF) 1 Page - DFI Inc

Part # VC900-M8M
Description  NXP i.MX8M ARM-Based In-vehicle System
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

VC900-M8M Datasheet(HTML) 1 Page - DFI Inc

  VC900-M8M Datasheet HTML 1Page - DFI Inc VC900-M8M Datasheet HTML 2Page - DFI Inc VC900-M8M Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NXP i.MX8M
ARM-Based In-vehicle System
VC900-M8M
KEY FEATURES
ARM-Based System
Support Yocto Linux 2.5 and Android 9.0
Rich I/O Connectivity
1 GbE, 4 COM, 1 CAN Bus, 2 USB 3.0, 1 Micro
USB (OTG)
6-axis IMU Sensor
3 Accelerometer + 3 Gyroscope
Wide-Temperature
-20°C~70°C operation without active fan
Wide-Voltage
9~36V vehicle power input with ACC/IGN
function
PANEL
Front View
Rear View
USB 3.0
LAN
Power Button
COM1
CAN
OTG
Power input
COM4
COM2
COM3
HDMI


Similar Part No. - VC900-M8M

ManufacturerPart #DatasheetDescription
logo
France Joint
VC90X105X10 FRANCEJOINT-VC90X105X10 Datasheet
389Kb / 6P
STANDARD SHAFT SEALS
VC90X105X6 FRANCEJOINT-VC90X105X6 Datasheet
389Kb / 6P
STANDARD SHAFT SEALS
More results

Similar Description - VC900-M8M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA2059 STMICROELECTRONICS-STA2059 Datasheet
73Kb / 4P
IN VEHICLE NAVIGATION/TELEMATICS SYSTEM ON CHIP
Sep-2004
logo
Advantech Co., Ltd.
TREK-510 ADVANTECH-TREK-510 Datasheet
1Mb / 2P
ARM-based, In-Vehicle Computing Box
logo
ATMEL Corporation
ATSAMD ATMEL-ATSAMD Datasheet
673Kb / 25P
ARM-Based Microcontroller
logo
DFI Inc
VC70B-KU DFI-VC70B-KU Datasheet
1Mb / 4P
Fanless In-Vehicle System
VC300-CS DFI-VC300-CS Datasheet
1Mb / 4P
AI-Enabled In-Vehicle Embedded System
logo
Advantech Co., Ltd.
EPC-R3720 ADVANTECH-EPC-R3720 Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 Edge AI RISC-based Box Computer
12-Sep-2022
ROM-5720 ADVANTECH-ROM-5720 Datasheet
3Mb / 4P
NXP i.MX8M Cortex®-A53 SMARC 2.0/2.1 Computer-on-Module
7-Jul-2022
ROM-5722 ADVANTECH-ROM-5722 Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 SMARC 2.1 Computer-on-Module
16-Aug-2022
RSB-3720 ADVANTECH-RSB-3720 Datasheet
3Mb / 6P
NXP i.MX8M Plus Cortex®-A53 2.5 SBC with UIO40-Express
1-Aug-2022
MIC-715-NX ADVANTECH-MIC-715-NX Datasheet
806Kb / 2P
Ruggedized In-Vehicle AI Fanless System Based on NVIDIA® Jetson Xavier™ NX
19-May-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com