Electronic Components Datasheet Search
  English  ▼

X  

WM343-CMS Datasheet(PDF) 3 Page - DFI Inc

Part # WM343-CMS
Description  10th Gen Intel® CoreTM Wallmount Box IPC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

WM343-CMS Datasheet(HTML) 3 Page - DFI Inc

  WM343-CMS Datasheet HTML 1Page - DFI Inc WM343-CMS Datasheet HTML 2Page - DFI Inc WM343-CMS Datasheet HTML 3Page - DFI Inc WM343-CMS Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.dfi.com
SPECIFICATION
Model Name
WM343-CMS-Q470E
WM343-CMS-H420E
SYSTEM
Processor
10th Generation Intel® LGA 1200 Socket Processors, TDP support up to 125W
Intel® Core™ i9-10900E (10 Cores, 20M Cache, up to 4.7 GHz); 65W
Intel® Core™ i9-10900TE (10 Cores, 20M Cache, up to 4.5 GHz); 35W
Intel® Core™ i7-10700E (8 Cores, 16M Cache, up to 4.5 GHz); 65W
Intel® Core™ i7-10700TE (8 Cores, 16M Cache, up to 4.4 GHz); 35W
Intel® Core™ i5-10500E (6 Cores, 12M Cache, up to 4.2 GHz); 65W
Intel® Core™ i5-10500TE (6 Cores, 12M Cache, up to 3.7 GHz); 35W
Intel® Core™ i3-10100E (4 Cores, 6M Cache, 3.8 GHz); 65W
Intel® Core™ i3-10100TE (4 Cores, 6M Cache, to 3.6 GHz); 35W
Intel® Pentium® G6400E (2 Cores, 4M Cache, 3.8 GHz); 58W
Intel® Pentium® G6400TE (2 Cores, 4M Cache, 3.2 GHz); 35W
Intel® Celeron® G5900E (2 Cores, 2M Cache, 3.2 GHz); 58W
Intel® Celeron® G5900TE (2 Cores, 2M Cache, 3.0 GHz); 35W
Chipset
Intel® Q470E Chipset
Intel® H420E Chipset
Memory
Four 288-pin Non-ECC UDIMM up to 128GB
Dual Channel DDR4 2400/2666/2933MHz
Two 288-pin Non-ECC UDIMM up to 64GB
Dual Channel DDR4 2400/2666/2933MHz
BIOS
AMI SPI 256Mbit
AMI SPI 256Mbit
GRAPHICS
Controller
Intel® HD Gen 9 Graphics
Intel® HD Gen 9 Graphics
Feature
OpenGL 4.5, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2, VC1/WMV9,
JPEG/MJPEG, HEVC/H265, VP8, VP9
HW Encode: MPEG2, AVC/H264, JPEG,
HEVC/H265, VP8, VP9
OpenGL 4.5, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2, VC1/WMV9,
JPEG/MJPEG, HEVC/H265, VP8, VP9
HW Encode: MPEG2, AVC/H264, JPEG,
HEVC/H265, VP8, VP9
Display
1 x VGA
1 x DP++
1 x HDMI 1.4b
VGA: resolution up to 1920x1200 @ 60Hz
DP++: resolution up to 4096x2160 @ 60Hz
HDMI: resolution up to 4096x2160 @ 24Hz
1 x VGA
1 x DP++
1 x HDMI 1.4b
VGA: resolution up to 1920x1200 @ 60Hz
DP++: resolution up to 4096x2160 @ 60Hz
HDMI: resolution up to 4096x2160 @ 24Hz
Triple Displays
VGA + DP++ + HDMI
VGA + DP++ / VGA + HDMI / DP++ + HDMI
STORAGE
External
1 or 2 x 3.5"/2.5" SATA 3.0 drive bays
(1 x 3.5" SATA drive bay, by default)
1 x 5.25" Optical drive bay
1 or 2 x 3.5"/2.5" SATA 3.0 drive bays
(1 x 3.5" SATA drive bay, by default)
1 x 5.25" Optical drive bay
Internal
1 x M.2 2242/2260/2280 M Key
(PCIe Gen3 x4 NVMe/SATA/Intel® Optane
Memory and intel RST support)
1 x M.2 2230 E Key (USB 2.0/PCIe)
N/A
Interface
1 x PCIe x16 (Gen 3)
1 x PCIe x4 (Gen 3)
2 x PCI
1 x PCIe x16 (Gen 3)
1 x PCIe x4 (Gen 3)
2 x PCI
AUDIO
Audio Codec
Realtek ALC888
Realtek ALC888
Interface
1 x Line-out
1 x Mic-in
1 x Line-in (opt., MOQ required)
1 x Line-out
1 x Mic-in
1 x Line-in (opt., MOQ required)
ETHERNET
Controller
1 x Intel® I211AT PCIe (10/100/1000Mbps)
1 x Intel® I219LM PHY with iAMT12.0
(10/100/1000Mbps)
(Core i9/i7/i5 supports iAMT)
1 x Intel® I211AT PCIe (10/100/1000Mbps)
1 x Intel® I219LM PHY (10/100/1000Mbps)
LED
Indicators
1 x Power LED
1 x HDD LED
1 x Power LED
1 x HDD LED
REAR I/O
Ethernet
2 x GbE (RJ-45)
2 x GbE (RJ-45)
Serial
1 x RS-232/422/485 (RS-232 w/ power) (DB-9)
1 x RS-232/422/485 (RS-232 w/ power) (DB-9)
USB
2 x USB 3.2 Gen2
2 x USB 3.2 Gen1
(Up to 6 x USB 3.2 Gen1, MOQ required)
2 x USB 2.0
2 x USB 3.2 Gen2
2 x USB 3.2 Gen1
(Up to 6 x USB 3.2 Gen1, MOQ required)
2 x USB 2.0
PS/2
1 x PS/2 (mini-DIN-6)
1 x PS/2 (mini-DIN-6)
Display
1 x VGA
1 x DP++
1 x HDMI
1 x VGA
1 x DP++
1 x HDMI
Audio
1 x Line-out
1 x Mic-in
1 x Line-in (opt., MOQ required)
1 x Line-out
1 x Mic-in
1 x Line-in (opt., MOQ required)
Buttons
1 x Power button
1 x Reset button
1 x Power button
1 x Reset button
COOLING
Fan
1 x 12cm System Fan
1 x 12cm System Fan
WATCHDOG
TIMER
Output & Interval
System Reset, Programmable via Software from
1 to 255 Seconds
System Reset, Programmable via Software from
1 to 255 Seconds
SECURITY
TPM
Infineon TPM1.2/2.0 (optional)
Infineon TPM1.2/2.0 (optional)
POWER
Supply
Flex ATX 150W/250W/350W/400W/500W
(250W Default)
Flex ATX 150W/250W/350W/400W/500W
(250W Default)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com