Electronic Components Datasheet Search
  English  ▼

X  

WM343-CMS Datasheet(PDF) 4 Page - DFI Inc

Part # WM343-CMS
Description  10th Gen Intel® CoreTM Wallmount Box IPC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

WM343-CMS Datasheet(HTML) 4 Page - DFI Inc

  WM343-CMS Datasheet HTML 1Page - DFI Inc WM343-CMS Datasheet HTML 2Page - DFI Inc WM343-CMS Datasheet HTML 3Page - DFI Inc WM343-CMS Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.dfi.com
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © December 23, 2024 DFI Inc.
SPECIFICATION
Model Name
Part Number
Description
WM343-CMS330-H420E 750-WM343A-000G
WM343-CMS, uATX System, Black, CMS330-H420E, 250W, F/G SYSTEM RoHS
WM343-CMS330-Q470E 750-WM343A-500G
WM343-CMS, uATX System, Black, CMS330-Q470E, 500W, F/G SYSTEM RoHS
ORDERING INFORMATION
OPTIONAL ITEMS
PACKING LIST
1 WM343-CMS330 System Unit
1 CPU Cooler (65W)
4 HDD Screws
1 System Fan
Optional Items
Part Number
Description
Wall Mount
761-WM3410-000G
ACCESSORY WALL MOUNT KITS WM34x Series RoHS
CPU Cooler
761-103004-000G
35W
CPU Cooler
761-103001-000G
95W-125W
Model Name
WM343-CMS-Q470E
WM343-CMS-H420E
OS SUPPORT
Microsoft
Windows 10
Windows 10
Linux
Linux
Linux
ENVIRONMENT
Operating
Temperature
0 to 45°C
0 to 45°C
Storage
Temperature
0 to 60°C
0 to 60°C
Relative Humidity 5 to 95% RH (non-condensing)
5 to 95% RH (non-condensing)
MECHANISM
Construction
Sheet metal
Sheet metal
Mounting
Wall mount
Wall mount
Dimensions
(W x H x D)
349mm x 140.2mm x 290.9mm
(13.74" x 5.52" x 11.45")
349mm x 140.2mm x 290.9mm
(13.74" x 5.52" x 11.45")
Weight
7.7kg
7.7kg
Color
no coating or black coating
no coating or black coating
STANDARDS
AND
CERTIFICATIONS
Shock
Operating: 3G
Non-operating: 5G
Operating: 3G
Non-operating: 5G
Vibration
Operating: Random 5~500Hz 0.5G
Non-operating: Sine 10~500Hz 1.5G
Operating: Random 5~500Hz 0.5G
Non-operating: Sine 10~500Hz 1.5G
Package Drop
ISTA Project 1A
ISTA Project 1A
Certification
CE, FCC Class A, RoHS, UKCA
CE, FCC Class A, RoHS, UKCA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com