Electronic Components Datasheet Search
  English  ▼

X  

IR3087MPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IR3087MPBF
Description  XPHASETM PHASE IC WITH OPTI-PHASETM, OVP, AND OVERTEMP DETECT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3087MPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IR3087MPBF Datasheet HTML 5Page - International Rectifier IR3087MPBF Datasheet HTML 6Page - International Rectifier IR3087MPBF Datasheet HTML 7Page - International Rectifier IR3087MPBF Datasheet HTML 8Page - International Rectifier IR3087MPBF Datasheet HTML 9Page - International Rectifier IR3087MPBF Datasheet HTML 10Page - International Rectifier IR3087MPBF Datasheet HTML 11Page - International Rectifier IR3087MPBF Datasheet HTML 12Page - International Rectifier IR3087MPBF Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
IR3087PBF
CLK1
VVALLEY (1.00V)
VPHASE1&8 (1.5V)
VPHASE3&6 (3.5V)
VPHASE2&7 (2.5V)
VPHASE4&5 (4.5V)
VPEAK (5.0V)
CLK2
50% RAMP
DUTY CYCLE
CLK3
CLK4
CLK5
CLK6
CLK7
CLK8
SLOPE = 80mV / % DC
SLOPE = 1.6mV / ns @ 200kHz
SLOPE = 8.0mV / ns @ 1MHz
Figure 3. 8 Phase Oscillator Waveforms
PWM Operation
The PWM comparator is located in the Phase IC. Upon receiving a clock pulse, the PWM latch is set; the PWMRMP
voltage begins to increase; the low side driver is turned off, and the high side driver is then turned on after the non-
overlap time. When the PWMRMP voltage exceeds the Error Amplifier’s output voltage, the PWM latch is reset.
This turns off the high side driver and then turns on the low side driver after the non-overlap time; it activates the
Ramp Discharge Clamp, which quickly discharges the PWMRMP capacitor to the VDAC voltage of the Control IC
until the next clock pulse.
The PWM latch is reset dominant allowing all phases to go to zero duty cycle within a few tens of nanoseconds in
response to a load step decrease. Phases can overlap and go to 100% duty cycle in response to a load step
increase with turn-on gated by the clock pulses. An Error Amplifier output voltage greater than the common mode
input range of the PWM comparator results in 100% duty cycle regardless of the voltage of the PWM ramp. This
arrangement guarantees the Error Amplifier is always in control and can demand 0 to 100% duty cycle as required.
It also favors response to a load step decrease which is appropriate given the low output to input voltage ratio of
most systems. The inductor current will increase much more rapidly than decrease in response to load transients.
This control method is designed to provide “single cycle transient response” where the inductor current changes in
response to load transients within a single switching cycle maximizing the effectiveness of the power train and
minimizing the output capacitor requirements. An additional advantage is that differences in ground or input voltage
at the phases have no effect on operation since the PWM ramps are referenced to VDAC.
Figure 4 depicts PWM operating waveforms under various conditions.
Page 9 of 35
1/31/05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com