Electronic Components Datasheet Search
  English  ▼

X  

IR3087MPBF Datasheet(PDF) 15 Page - International Rectifier

Part # IR3087MPBF
Description  XPHASETM PHASE IC WITH OPTI-PHASETM, OVP, AND OVERTEMP DETECT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3087MPBF Datasheet(HTML) 15 Page - International Rectifier

Back Button IR3087MPBF Datasheet HTML 11Page - International Rectifier IR3087MPBF Datasheet HTML 12Page - International Rectifier IR3087MPBF Datasheet HTML 13Page - International Rectifier IR3087MPBF Datasheet HTML 14Page - International Rectifier IR3087MPBF Datasheet HTML 15Page - International Rectifier IR3087MPBF Datasheet HTML 16Page - International Rectifier IR3087MPBF Datasheet HTML 17Page - International Rectifier IR3087MPBF Datasheet HTML 18Page - International Rectifier IR3087MPBF Datasheet HTML 19Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
IR3087PBF
DESIGN PROCEDURES - IR3081A AND IR3087 CHIPSET
IR3081A EXTERNAL COMPONENTS
Oscillator Resistor Rosc
The oscillator of IR3081A generates a triangle waveform to synchronize the phase ICs, and the switching frequency
of the each phase converter equals the oscillator frequency, which is set by the external resistor ROSC according to
the curve in Figure 13.
Soft Start Capacitor CSS/DEL
Because the capacitor CSS/DEL programs four different time parameters, i.e. soft start delay time, soft start time,
over-current latch delay time, and power good delay time, they should be considered together while choosing
CSS/DEL.
The SS/DEL pin voltage controls the slew rate of the converter output voltage, as shown in Figure 10. After the
ENABLE pin voltage rises above 0.6V, there is a soft-start delay time
tSSDEL, after which the error amplifier output is
released to allow the soft start. The soft start time
tSS represents the time during which converter voltage rises from
zero to VO. tSS can be programmed by an external capacitor, which is determined by Equation (1).
O
SS
O
SS
CHG
DEL
SS
V
t
V
t
I
C
*
10
*
70
*
6
/
−
=
=
(1)
Once CSS/DEL is chosen, the soft start delay time
tSSDEL, the over-current fault latch delay time tOCDEL, and the
delay time
tVccPG from output voltage (VO) in regulation to Power Good are fixed and shown in Equations (2), (3)
and (4) respectively.
6
/
/
10
*
70
3
.
1
*
3
.
1
*
−
=
=
DEL
SS
CHG
DEL
SS
SSDEL
C
I
C
t
(2)
6
/
/
10
*
40
115
.
0
*
115
.
0
*
−
=
=
DEL
SS
OCDISCHG
DEL
SS
OCDEL
C
I
C
t
(3)
6
/
/
10
*
70
)
3
.
1
735
.
3
(
*
)
3
.
1
065
.
0
8
.
3
(
*
−
−
−
=
−
−
−
=
O
DEL
SS
CHG
O
DEL
SS
VccPG
V
C
I
V
C
t
(4)
VDAC Slew Rate Programming Capacitor CVDAC and Resistor RVDAC
The slew rate of VDAC down-slope SRDOWN can be programmed by the external capacitor CVDAC as defined in
Equation (5), where ISINK is the sink current of VDAC pin as shown in Figure 15. The resistor RVDAC is used to
compensate VDAC circuit and is determined by Equation (6). The slew rate of VDAC up-slope SRUP is proportional
to that of VDAC down-slope and is given by Equation (7), where ISOURCE is the source current of VDAC pin as
shown in Figure15.
DOWN
SINK
VDAC
SR
I
C
=
(5)
2
15
10
2
.
3
5
.
0
VDAC
VDAC
C
R
−
∗
+
=
(6)
VDAC
SOURCE
UP
C
I
SR
=
(7)
Page 15 of 35
1/31/05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com