Electronic Components Datasheet Search
  English  ▼

X  

ADPL44001 Datasheet(PDF) 1 Page - Analog Devices

Part # ADPL44001
Description  4V to 40V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL44001 Datasheet(HTML) 1 Page - Analog Devices

  ADPL44001 Datasheet HTML 1Page - Analog Devices ADPL44001 Datasheet HTML 2Page - Analog Devices ADPL44001 Datasheet HTML 3Page - Analog Devices ADPL44001 Datasheet HTML 4Page - Analog Devices ADPL44001 Datasheet HTML 5Page - Analog Devices ADPL44001 Datasheet HTML 6Page - Analog Devices ADPL44001 Datasheet HTML 7Page - Analog Devices ADPL44001 Datasheet HTML 8Page - Analog Devices ADPL44001 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Data Sheet
ADPL44001
4V to 40V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
19-101923; Rev. 0; 9/24
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
One Analog Wa y, Wilmington, MA 01887 -2356, U.S.A.
Tel: 781.329.47 00
©2024 Analog Devices, Inc. Al l rights rese rve d.
GENERAL DESCRIPTION
The ADPL44001 ultra-low quiescent current, high-
voltage linear regulator is ideal for use in industrial and
battery-operated systems. The device operates from a
4V to 40V input voltage, delivers up to 100mA of load
current, and consumes only 8μA of quiescent current at
no load. The device consumes only 0.9μA current when
in shutdown. Output voltage is adjustable in the 0.6V to
38V voltage range. Feedback voltage accuracy is ±2%
over temperature.
An open-drain PGOOD pin provides a power-good signal
to the system, achieving successful regulation of the
output voltage. The device also incorporates an enable
pin (EN) that allows the user to turn the part on or off.
The device has a thermal shutdown feature that shuts
down the part when the die temperature exceeds 165°C.
The ADPL44001 operates over the -40°C to +125°C
industrial temperature range and is available in a 6-lead,
compact TSOT and a 6-pin (3mm x 3mm) TDFN
packages.
APPLICATIONS
Medical and Healthcare
Battery-Powered Equipment
Post Regulator for Switching Power Supplies
Home and Building Automation
Appliances and White Goods
BENEFITS AND FEATURES
Easy to Use
Only 4 External Components Required
Stable with Tiny 4.7μF, 0805 Output Capacitor
All Ceramic Capacitors, Compact Layout
Reduces Number of Linear Regulators to Stock
Wide 4V to 40V Input Voltage Range
Adjustable 0.6V to 38V Output
Up to 100mA Load Current Capability
Operates Reliably in Adverse Industrial
Environments
Built-In Output Voltage Monitoring with PGOOD
Pin
High-Voltage ENABLE Input
Low 8μA Quiescent Current
Low Dropout Voltage of 560mV at 100mA
Overload Protection
Overtemperature Protection
Wide -40°C to +125°C Ambient Operating
Temperature Range / -40°C to +150°C Junction
Temperature Range
Ordering Information appears at end of data sheet.
TYPICAL APPLICATION CIRCUIT
ADPL44001
IN
EN
GND
OUT
PGOOD
FB
VIN
6.1V TO 40V
VOUT
5V
R1
432k
R2
59k
COUT
4.7µF
CIN
0.1µF


Similar Part No. - ADPL44001

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPL44002 AD-ADPL44002 Datasheet
687Kb / 23P
40V, 200mA, Low Noise, CMOS LDO Linear Regulator
Rev. 0
ADPL44002ACPZN-R7 AD-ADPL44002ACPZN-R7 Datasheet
687Kb / 23P
40V, 200mA, Low Noise, CMOS LDO Linear Regulator
Rev. 0
ADPL44002ACPZN2.5-R7 AD-ADPL44002ACPZN2.5-R7 Datasheet
687Kb / 23P
40V, 200mA, Low Noise, CMOS LDO Linear Regulator
Rev. 0
ADPL44002ACPZN3.3-R7 AD-ADPL44002ACPZN3.3-R7 Datasheet
687Kb / 23P
40V, 200mA, Low Noise, CMOS LDO Linear Regulator
Rev. 0
ADPL44002ACPZN5.0-R7 AD-ADPL44002ACPZN5.0-R7 Datasheet
687Kb / 23P
40V, 200mA, Low Noise, CMOS LDO Linear Regulator
Rev. 0
More results

Similar Description - ADPL44001

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80136 INTERSIL-ISL80136 Datasheet
374Kb / 9P
40V, Low Quiescent Current, 50mA Linear Regulator
December 15, 2011
ISL80138 INTERSIL-ISL80138 Datasheet
418Kb / 9P
40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
Altera Corporation
EY1603 ALTERA-EY1603 Datasheet
824Kb / 10P
40V, Low Quiescent Current, 150mA Linear Regulator
logo
Intersil Corporation
ISL80136IBEAJZ INTERSIL-ISL80136IBEAJZ Datasheet
500Kb / 10P
40V, Low Quiescent Current, 50mA Linear Regulator
August 11, 2015
ISL80138 INTERSIL-ISL80138_14 Datasheet
336Kb / 9P
40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
Maxim Integrated Produc...
MAX17651 MAXIM-MAX17651 Datasheet
528Kb / 8P
60V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev 1; 3/16
logo
Monolithic Power System...
MP2013 MPS-MP2013 Datasheet
668Kb / 15P
40V, 150mA, Low Quiescent Current Linear Regulator
MP2014 MPS-MP2014 Datasheet
926Kb / 13P
40V, 500mA, Low Quiescent Current Linear Regulator
logo
Renesas Technology Corp
ISL80136 RENESAS-ISL80136 Datasheet
697Kb / 10P
40V, Low Quiescent Current, 50mA Linear Regulator
ISL80138 RENESAS-ISL80138 Datasheet
696Kb / 9P
40V, Low Quiescent Current, 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com