Electronic Components Datasheet Search
  English  ▼

X  

ADPL44001 Datasheet(PDF) 9 Page - Analog Devices

Part # ADPL44001
Description  4V to 40V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL44001 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADPL44001 Datasheet HTML 5Page - Analog Devices ADPL44001 Datasheet HTML 6Page - Analog Devices ADPL44001 Datasheet HTML 7Page - Analog Devices ADPL44001 Datasheet HTML 8Page - Analog Devices ADPL44001 Datasheet HTML 9Page - Analog Devices ADPL44001 Datasheet HTML 10Page - Analog Devices ADPL44001 Datasheet HTML 11Page - Analog Devices ADPL44001 Datasheet HTML 12Page - Analog Devices ADPL44001 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Data Sheet
ADPL44001
analog.com
Rev. 0
9 of 17
Junction temperature greater than +125°C degrades operating lifetimes. Calculate the maximum allowable output
current, using the following formula:
ILOAD(MAX) =
(125 − TA_MAX)
θJA × (VIN − VOUT)
Example: TA_MAX = +70°C, VIN = 24V, VOUT = 5V, θJA = 42°C/W for TDFN package
ILOAD(MAX) =
(125 − 70)
42 × (24 − 5)
≅ 69mA
Table 4. Thermal Resistance
PACKAGE TYPE
θJA
θJC
UNIT
6 TSOT
110
50
°C/W
6 TDFN
42
9
°C/W
Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com