Electronic Components Datasheet Search
  English  ▼

X  

LTC7893 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC7893
Description  Low IQ, Dual, 2-Phase Synchronous Boost Controller for GaN FETs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7893 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC7893 Datasheet HTML 7Page - Analog Devices LTC7893 Datasheet HTML 8Page - Analog Devices LTC7893 Datasheet HTML 9Page - Analog Devices LTC7893 Datasheet HTML 10Page - Analog Devices LTC7893 Datasheet HTML 11Page - Analog Devices LTC7893 Datasheet HTML 12Page - Analog Devices LTC7893 Datasheet HTML 13Page - Analog Devices LTC7893 Datasheet HTML 14Page - Analog Devices LTC7893 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
Data Sheet
LTC7892
analog.com
Rev. 0
11 of 50
5
RUN2
Run Control Input for Channel 2. Forcing RUN2 less than 1.08V disables controller
switching. Forcing RUN1 and RUN2 less than 0.7V shuts down the LTC7892, reducing IQ
to approximately 1μA. Tie the RUN2 pin to VBIAS to ensure it is always in operation.
6
GND
Ground. The GND pin and the exposed pad must be soldered to PCB ground for rated
electrical and thermal performance.
7
DRVUV
DRVCC UVLO and EXTVCC Switchover Program Pin. DRVUV determines the INTVCC UVLO
and EXTVCC switchover rising and falling thresholds, as listed in Table 1.
8
DRVSET
INTVCC Regulation Program Pin. DRVSET sets the regulation point for the INTVCC LDO
linear regulators. Connect DRVSET to GND to set INTVCC to 5V. Connect DRVSET to
INTVCC to set INTVCC to 5.5V. Program voltages between 4V and 5.5V by placing a
resistor (43kΩ to 110kΩ) between DRVSET and GND. The resistor and an internal 20μA
source current create a voltage used by the INTVCC LDO regulator to set the regulation
point.
9
DTCA
Dead Time Control Pin for Bottom FET Off to Top FET On Delay. Connect DTCA to GND
to program an adaptive dead time delay of approximately 15ns. Connect a resistor
between DTCA and GND to program a nonadaptive (open-loop) dead time delay from
7ns to 60ns.
10
DTCB
Dead Time Control Pin for Top FET Off to Bottom FET On Delay. Connect to GND to
program an adaptive TG off to BG on a dead time delay of approximately 15ns.
Connect a resistor between DTCB and GND to program a nonadaptive (open-loop) TG
off to BG on dead time from 7ns to 60ns.
11
SENSE2+
Positive Input to the Differential Current Comparator for Channel 2. The SENSE2+ pin
supplies current to the current comparator for Channel 2 when SENSE2+ is greater than
INTVCC.
12
SENSE2-
Negative Input to the Differential Current Comparator for Channel 2. The ITH2 pin
voltage and controlled offset between the SENSE2+ and SENSE2- pins, in conjunction
with the current sense resistor (RSENSE), set the current trip threshold.
13
VFB2
Error Amplifier Feedback Input for Channel 2. VFB2 Receives the remotely sensed
feedback voltage for channel 2 from an external resistive divider across the output. Tie
VFB2 to INTVCC for a 2-phase single output application, in which both channels share
VFB1, ITH1, and SS1.
14
ITH2
Error Amplifier Output and Switching Regulator Compensation Point for Channel 2.
The current comparator trip point increases with this control voltage.
15
SS2
External Soft Start Input for Channel 2. SS2 regulates the VFB2 voltage to the lesser of
1.2V or the voltage on the SS2 pin. An internal 12μA pull-up current source is
connected to SS2. A capacitor to GND at SS2 sets the ramp time to the final regulated
output voltage. The ramp time is equal to 1ms for every 10nF of capacitance.
16
ILIM
Current Comparator Sense Voltage Range Input. Tying ILIM to GND or INTVCC or floating
it sets the maximum current sense threshold to one of three different levels (25mV,
75mV, and 50mV, respectively).
17
PGOOD2
Power Good Open-Drain Logic Output for Channel 2. PGOOD2 is pulled to the ground
when the voltage on VFB2 is not within ±10% of its set point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com