Electronic Components Datasheet Search
  English  ▼

X  

LTC7893 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC7893
Description  Low IQ, Dual, 2-Phase Synchronous Boost Controller for GaN FETs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7893 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC7893 Datasheet HTML 20Page - Analog Devices LTC7893 Datasheet HTML 21Page - Analog Devices LTC7893 Datasheet HTML 22Page - Analog Devices LTC7893 Datasheet HTML 23Page - Analog Devices LTC7893 Datasheet HTML 24Page - Analog Devices LTC7893 Datasheet HTML 25Page - Analog Devices LTC7893 Datasheet HTML 26Page - Analog Devices LTC7893 Datasheet HTML 27Page - Analog Devices LTC7893 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
Data Sheet
LTC7892
analog.com
Rev. 0
24 of 50
APPLICATIONS INFORMATION
Figure 50 is a basic LTC7892 application circuit. External component selection is largely driven by the load
requirement and begins with the selection of the inductor, current sense components, operating frequency, and light
load operating mode. The remaining power stage components, consisting of the input and output capacitors, and
power FETs can then be chosen. Next, feedback resistors are selected to set the desired output voltage. Then, the
remaining external components are selected, such as for soft-start, biasing, and loop compensation.
Inductor Value Calculation
The operating frequency and inductor selection are interrelated in that higher operating frequencies allow the use
of smaller inductor and capacitor values. A higher frequency generally results in lower efficiency because of FET
switching and gate charge losses. In addition to this trade-off, the effect of inductor value on ripple current and low
current operation must also be considered. The inductor value has a direct effect on the ripple current.
The maximum average inductor current (IL(MAX)) in continuous conduction mode is equal to the maximum average
output current (IOUT(MAX)) multiplied by a factor of VOUT/VIN, or IL(MAX) = IOUT(MAX) • VOUT/VIN. Be aware that the maximum
output current decreases with decreasing VIN. The choice of IL(MAX), therefore, depends on the maximum load current
for a regulated VOUT at the minimum normal operating VIN. The choice of IL(MAX), therefore, depends on the maximum
load current for a regulated VOUT at the minimum normal operating VIN. If the load current for a given VIN is exceeded,
VOUT will decrease until the IL(MAX) = IOUT(MAX) • VOUT/VIN equation is satisfied.
The inductor ripple current (ΔIL) for a boost converter is given by Equation 1:
∆IL =
1
f • L
VIN (1 −
VIN
VOUT
)
(1)
Accepting larger values of ΔIL allows the use of low inductances, but results in higher output voltage ripple and
greater core losses. A reasonable starting point for setting ripple current is ΔIL = 0.3 • IL(MAX). The maximum ΔIL for a
boost converter occurs at VIN = 1/2 VOUT.
The inductor value also has secondary effects. The transition to Burst Mode operation begins when the average
inductor current required results in a peak current below 25% of the current limit determined by RSENSE. Lower
inductor values (higher ΔIL) will cause this to occur at lower load currents, which can cause a dip in efficiency in the
upper range of low-current operation. In the Burst Mode operation, lower inductance values will cause the burst
frequency to decrease.
Inductor Core Selection
Once the value for L is known, the type of inductor must be selected. High-efficiency regulators generally cannot
afford the core loss found in low-cost powdered iron cores, forcing the use of more expensive ferrite or
molypermalloy cores. Actual core loss is independent of core size for a fixed inductor value, but it is very dependent
on the inductance value selected. As inductance increases, core losses decrease. Unfortunately, increased
inductance requires more turns of wire, and therefore, copper losses will increase.
Ferrite designs have a very low core loss and are preferred for high switching frequencies. Therefore, design goals
can concentrate on copper loss and preventing saturation. Ferrite core material saturates hard, which means that
inductance collapses abruptly when the peak design current is exceeded. This collapse results in an abrupt increase
in inductor ripple current and consequent output voltage ripple. Do not allow the core to saturate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com