Electronic Components Datasheet Search
  English  ▼

X  

1007178 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1007178
Description  FKDSO 2,5/ 2-R GY - PCB terminal block
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1007178 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1007178 Datasheet HTML 1Page - PHOENIX CONTACT 1007178 Datasheet HTML 2Page - PHOENIX CONTACT 1007178 Datasheet HTML 3Page - PHOENIX CONTACT 1007178 Datasheet HTML 4Page - PHOENIX CONTACT 1007178 Datasheet HTML 5Page - PHOENIX CONTACT 1007178 Datasheet HTML 6Page - PHOENIX CONTACT 1007178 Datasheet HTML 7Page - PHOENIX CONTACT 1007178 Datasheet HTML 8Page - PHOENIX CONTACT 1007178 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Material specifications
Material data - contact
Note
WEEE/RoHS-compliant, free of whiskers according to IEC
60068-2-82/JEDEC JESD 201
Contact material
Cu alloy
Surface characteristics
Tin-plated
Metal surface terminal point (top layer)
Tin (5 - 7 µm Sn)
Metal surface soldering area (top layer)
Tin (5 - 7 µm Sn)
Material data - housing
Color (Housing)
gray (7042)
Insulating material
PA
Insulating material group
I
CTI according to IEC 60112
600
Flammability rating according to UL 94
V0
Glow wire flammability index GWFI according to EN 60695-2-12
850
Glow wire ignition temperature GWIT according to EN 60695-2-
13
775
Temperature for the ball pressure test according to EN 60695-
10-2
125 °C
Material data – actuating element
Color (Actuating element)
orange (2003)
Insulating material
PBT GF
Insulating material group
IIIa
CTI according to IEC 60112
275
Flammability rating according to UL 94
V0
Dimensions
Dimensional drawing
Pitch
5 mm
Width [w]
10.9 mm
Height [h]
14.85 mm
Length [l]
18.8 mm
Solder pin length [P]
3.5 mm
Pin dimensions
0.8 x 1 mm
PCB design
Hole diameter
1.4 mm
FKDSO 2,5/ 2-R GY - PCB terminal block
1007178
https://www.phoenixcontact.com/us/products/1007178
Feb 27, 2025, 2:30 AM
Page 3 (9)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com