Electronic Components Datasheet Search
  English  ▼

X  

1007178 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # 1007178
Description  FKDSO 2,5/ 2-R GY - PCB terminal block
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1007178 Datasheet(HTML) 7 Page - PHOENIX CONTACT

  1007178 Datasheet HTML 1Page - PHOENIX CONTACT 1007178 Datasheet HTML 2Page - PHOENIX CONTACT 1007178 Datasheet HTML 3Page - PHOENIX CONTACT 1007178 Datasheet HTML 4Page - PHOENIX CONTACT 1007178 Datasheet HTML 5Page - PHOENIX CONTACT 1007178 Datasheet HTML 6Page - PHOENIX CONTACT 1007178 Datasheet HTML 7Page - PHOENIX CONTACT 1007178 Datasheet HTML 8Page - PHOENIX CONTACT 1007178 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Approvals
To download certificates, visit the product detail page: https://www.phoenixcontact.com/us/products/1007178
cULus Recognized
Approval ID: E60425-20110930
Nominal voltage UN
Nominal current IN
Cross section AWG
Cross section mm2
Use group B
300 V
10 A
24 - 14
-
Only rigid
conductors
300 V
20 A
24 - 12
-
Use group D
300 V
10 A
24 - 14
-
Only rigid
conductors
300 V
10 A
24 - 12
-
VDE report with production monitoring
Approval ID: 40033478
Nominal voltage UN
Nominal current IN
Cross section AWG
Cross section mm2
250 V
22 A
-
0.2 - 2.5
FKDSO 2,5/ 2-R GY - PCB terminal block
1007178
https://www.phoenixcontact.com/us/products/1007178
Feb 27, 2025, 2:30 AM
Page 7 (9)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com