Electronic Components Datasheet Search
  English  ▼

X  

TPS4100A Datasheet(PDF) 1 Page - Tripath Technology Inc.

Part # TPS4100A
Description  FOUR CHANNEL BRIDGED OUTPUT POWER STAGE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TPS4100A Datasheet(HTML) 1 Page - Tripath Technology Inc.

  TPS4100A Datasheet HTML 1Page - Tripath Technology Inc. TPS4100A Datasheet HTML 2Page - Tripath Technology Inc. TPS4100A Datasheet HTML 3Page - Tripath Technology Inc. TPS4100A Datasheet HTML 4Page - Tripath Technology Inc. TPS4100A Datasheet HTML 5Page - Tripath Technology Inc. TPS4100A Datasheet HTML 6Page - Tripath Technology Inc. TPS4100A Datasheet HTML 7Page - Tripath Technology Inc. TPS4100A Datasheet HTML 8Page - Tripath Technology Inc. TPS4100A Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Tripath Technology, Inc. – Technical Information
1
TPS4100A – KL/Rev. 1.1/11.05
TPS4100A
FOUR CHANNEL BRIDGED OUTPUT POWER STAGE
Technical Information
Rev i sion 1.1 - Nov e mber 2005
GENERAL DESCRIPTION
The TPS4100A is a 4 channel bridged (16 power transistors) output power stage. The TPS4100A
accepts 5V CMOS logic signals from a Class-T processor, such as TCD6001, to create a high
fidelity 4-channel audio amplifier. The TPS4100A has been designed specifically for automotive
head unit applications operating on a single 10-26V supply.
APPLICATIONS
Automotive Head Units and Trunk
Amplifiers
DVD Receivers
Multimedia Speaker Systems
BENEFITS
4-channel output stage – with integrated
driver and FETs - in a single 32-pin SSIP
package
Low external component count
Single-supply operation
FEATURES
Four H-Bridge outputs
High Efficiency
High Power @25.0V
100Wsat. sq. wave @ 4Ω
High Efficiency
88% @ 100W 4
Ω
AM “Low EMI” mode with connection to
appropriate Class-T controller
Mates seamlessly with TCD6001 Digital Input
Class-T controller
Mute and Stand-By function
Protection Modes:
Output Short to VPP and Ground
Output Short across Load
Load Dump Protection
Over-/Under-Voltage Protection
Over-current Protection
Over-temperature Protection
Fortuitous Open Ground


Similar Part No. - TPS4100A

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TPS4100 TRIPATH-TPS4100 Datasheet
286Kb / 14P
FOUR CHANNEL BRIDGED OUTPUT POWER STAGE
More results

Similar Description - TPS4100A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1166 LINER-LT1166 Datasheet
454Kb / 16P
Power Output Stage Automatic Bias System
logo
List of Unclassifed Man...
STK0025 ETC-STK0025 Datasheet
146Kb / 2P
OUTPUT STAGE OF AF POWER AMP
LC549 ETC-LC549 Datasheet
79Kb / 5P
High Power Class B Output Stage
STK2155 ETC-STK2155 Datasheet
84Kb / 2P
2 CHANNEL 50W MIN AF POWER AMPLIFIER OUTPUT STAGE
LC551 ETC1-LC551 Datasheet
66Kb / 3P
High Power Class B Output Stage
GS551 ETC1-GS551 Datasheet
96Kb / 4P
High Power, Class B Output Stage
logo
Tripath Technology Inc.
TPS4100 TRIPATH-TPS4100 Datasheet
286Kb / 14P
FOUR CHANNEL BRIDGED OUTPUT POWER STAGE
logo
Fairchild Semiconductor
AN-684 FAIRCHILD-AN-684 Datasheet
76Kb / 7P
100336 Four-Stage Counter/Shift Register
logo
Linear Technology
LT1166 LINER-LT1166_15 Datasheet
403Kb / 16P
Power Output Stage Automatic Bias System
logo
Analog Devices
LTC6563 AD-LTC6563 Datasheet
3Mb / 34P
Four-Channel Transimpedance Amplifier with Output Multiplexing
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com