Electronic Components Datasheet Search
  English  ▼

X  

TPS4100A Datasheet(PDF) 3 Page - Tripath Technology Inc.

Part # TPS4100A
Description  FOUR CHANNEL BRIDGED OUTPUT POWER STAGE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TPS4100A Datasheet(HTML) 3 Page - Tripath Technology Inc.

  TPS4100A Datasheet HTML 1Page - Tripath Technology Inc. TPS4100A Datasheet HTML 2Page - Tripath Technology Inc. TPS4100A Datasheet HTML 3Page - Tripath Technology Inc. TPS4100A Datasheet HTML 4Page - Tripath Technology Inc. TPS4100A Datasheet HTML 5Page - Tripath Technology Inc. TPS4100A Datasheet HTML 6Page - Tripath Technology Inc. TPS4100A Datasheet HTML 7Page - Tripath Technology Inc. TPS4100A Datasheet HTML 8Page - Tripath Technology Inc. TPS4100A Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Tripath Technology, Inc. – Technical Information
3
TPS4100A – KL/Rev. 1.1/11.05
Electrical Characteristics (Note 8)
TA = 25 °C. Unless otherwise noted, the supply voltage is VPP=14.4V. See Application/Test Circuit.
Note 8: Minimum and maximum limits are guaranteed but may not be 100% tested.
Performance Characteristics (Note 8)
TA = 25 °C. Unless otherwise noted, RL = 4Ω. Measurement Bandwidth = 20kHz. All specifications
shown are applicable only when the TPS4100A is used in conjunction with the TCD6001 Class-T
Controller. See Application/Test Circuit of TCD6001 data sheet for additional information.
AM Mode (Notes 8, 9)
TA = 25 °C. Unless otherwise noted, the supply voltage is VPP=14.4V, RL = 4Ω. Measurement
Bandwidth = 20kHz. See Application/Test Circuit.
.
Note 9: The TPS4100A heat sinking in AM Mode must be increased (as compared to Class-T mode) to sustain the
typical output numbers. This is due to the lower efficiency of Class B output stage operation.
SYMBOL
PARAMETER
Conditions
MIN.
TYP.
MAX.
UNITS
ISTBY
Stand-By Current
VSLEEPB < 0.15V
100
200
µA
VIL
Stand-By On Threshold Voltage
SLEEPB Low (amp off)
0.5
V
VIH
Stand-By Off Threshold Voltage
SLEEPB High (amp on)
2.3
V
VIL
Mute-On Threshold Voltage
MUTEB Low
1
V
VIH
Mute-Off Threshold Voltage
MUTEB High
2.7
V
VIL
Yn/YnB Low Threshold Voltage
0.6
V
VIH
Yn/YnB High Threshold Voltage
2.7
V
VOH
Fault Reporting Logic Output High Voltage Open Drain Output
3.5
V
VOL
Fault Reporting Logic Output Low Voltage
RFAULT = 51KΩ
1
V
VIH
AM Mode On Threshold Voltage
AM pin High
2.7
V
VIL
AM Mode Off Threshold Voltage
AM pin Low
1
V
IAM
AM Mode Pin Input Current
1
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
POUT
Output Power
(Continuous power/ channel)
VPP=25V saturated sq. wave
VPP=25V THD+N=10%
VPP=25V THD+N=1%
VPP=20V saturated sq. wave
VPP=20V THD+N=10%
VPP=20V THD+N=1%
VPP=14.4V sat. sq. wave, RL = 2Ω
VPP=14.4V THD+N=10%, RL = 2Ω
VPP=14.4V THD+N=1%, RL = 2Ω
VPP=14.4V saturated sq. wave
VPP=14.4V THD+N=10%
VPP=14.4V THD+N=1%
95
112
80
65
74
51
40
63
42
33
39
26
21
W
W
W
W
W
W
W
W
W
W
W
W
η
Power Efficiency
VPP=25V, 4 x 100W sat sq wave
88
%
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
IOCD
Over-current detect
5.5
A
Pout
Output Power (Note 7)
VPP=16V, THD+N=10%
VPP=14.4V, THD+N=10%
20
16
W
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com