Electronic Components Datasheet Search
  English  ▼

X  

FRW337 Datasheet(PDF) 2 Page - TEMEX

Part # FRW337
Description  SAW Resonator - Remote Control
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

FRW337 Datasheet(HTML) 2 Page - TEMEX

  FRW337 Datasheet HTML 1Page - TEMEX FRW337 Datasheet HTML 2Page - TEMEX FRW337 Datasheet HTML 3Page - TEMEX FRW337 Datasheet HTML 4Page - TEMEX FRW337 Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FR W337
SAW Resonator – Remote Control
Specification (Rev.2)
Specification (Rev 2)
September 25
th, 2005
1
Features
q
SAW Resonator
q
Quartz frequency stabilization
q
Tolerance ±75kHz
q
Ceramic package for Surface Mounted Technology
Package Drawing & Pin out
The product is in conformance with the European RoHs Regulation 2002/95.
Pin Configuration
Input
2
Output
6
Case ground
4, 8
Dimensions (unit: mm)
A
2.8
B
0.6
C
1.27
D
2.54
E
1.2
F
1.35
G
5.0
H
5.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com