Electronic Components Datasheet Search
  English  ▼

X  

FRW337 Datasheet(PDF) 3 Page - TEMEX

Part # FRW337
Description  SAW Resonator - Remote Control
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

FRW337 Datasheet(HTML) 3 Page - TEMEX

  FRW337 Datasheet HTML 1Page - TEMEX FRW337 Datasheet HTML 2Page - TEMEX FRW337 Datasheet HTML 3Page - TEMEX FRW337 Datasheet HTML 4Page - TEMEX FRW337 Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FR W337
SAW Resonator – Remote Control
Specification (Rev.2)
Specification (Rev 2)
September 25
th, 2005
2
Technical Characteristics
Reference Temperature : +25°C
Electrical Parameters
Unit
Minimum
Typical
(1)
Maximum
Center Frequency fc
MHz
-
433.92
-
Tolerance from fc
kHz
-
-
±75
Insertion Loss
dB
-
1.2
1.8
Quality Factor
Unloaded Q (Qu)
-
9.2
-
50
Ω Loaded Q (Ql)
-
1.2
-
Temperature Stability
Turnover Temperature (T0)
°c
25
-
55
Turnover Frequency (fo)
kHz
-
fc
-
Frequency Temperature Coefficient (FTC)
ppm/°c
2
-
0.037
-
Frequency Aging Absolute Value during the
first Year |fA|
ppm/yr
-
< 10
DC Insulation Resistance Between any Two Pins
M
Ω
1.0
-
-
RF Equivalent RLC Model
Motional Resistance (RM)
Ω
-
15
23
Motional Inductance (LM)
µH
-
50.6419
-
Motional Capacitance (CM)
fF
2.6592
-
Shunt Static Capacitance (CO)
pF
2.3
2.6
2.9
LC Model



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com