Electronic Components Datasheet Search
  English  ▼

X  

TCP866 Datasheet(PDF) 2 Page - TEWS Technologies GmbH

Part # TCP866
Description  8 Channel Serial Interface RS232 / RS422
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TCP866 Datasheet(HTML) 2 Page - TEWS Technologies GmbH

  TCP866 Datasheet HTML 1Page - TEWS Technologies GmbH TCP866 Datasheet HTML 2Page - TEWS Technologies GmbH TCP866 Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-10-12
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com
The Embedded I/O Company
Technical Information
 Standard 3U 32 Bit CompactPCI module conforming
to PICMG 2.0 R3.0
 PCI 2.2 compliant interface
 3.3V and 5V PCI Signaling Voltage
 Board size: 160 mm x 100 mm
 8 channel asynchronous serial interface
 Support of RxD, TxD, RTS, CTS and GND for
TCP866-1x; support of RxD+/-, TxD+/- and GND for
TCP866-2x
 Programmable baud rates up to 921.6 kbaud
 64 byte transmit FIFO per channel, 64 byte receive
FIFO per channel
 ESD protected transceiver ( up to +/- 15KV according
to IEC 1000-4-2 )
 Operating temperature –40°C to +85°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com