Electronic Components Datasheet Search
  English  ▼

X  

TCP866 Datasheet(PDF) 3 Page - TEWS Technologies GmbH

Part # TCP866
Description  8 Channel Serial Interface RS232 / RS422
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TCP866 Datasheet(HTML) 3 Page - TEWS Technologies GmbH

  TCP866 Datasheet HTML 1Page - TEWS Technologies GmbH TCP866 Datasheet HTML 2Page - TEWS Technologies GmbH TCP866 Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-10-12
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com
The Embedded I/O Company
Order Information
RoHS Compliant
TCP866-10R
8 Channel Serial RS232, HD50
TCP866-11R
8 Channel Serial RS232, HD50 and J2 I/O
TCP866-20R
8 Channel Serial RS422, HD50
TCP866-21R
8 Channel Serial RS422, HD50 and J2 I/O
For the availability of non-RoHS compliant (leaded solder) products please contact TEWS.
Documentation
TCP866-DOC
User Manual
Software
TCP866-SW-25 Integrity Software Support
TCP866-SW-42 VxWorks Software Support (Legacy and VxBus-Enabled Software Support)
TCP866-SW-65 Windows Software Support
TCP866-SW-82 Linux Software Support
TCP866-SW-95 QNX Software Support
For other operating systems please contact TEWS.
Related Products
TA301
Cable Kit for modules with HD50 connector
TCP001-FP
6U Front panel extension for 3U cPCI boards



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com