Electronic Components Datasheet Search
  English  ▼

X  

2908359 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2908359
Description  ME B-22,5 MKDSO BU - Filler plug
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2908359 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2908359 Datasheet HTML 1Page - PHOENIX CONTACT 2908359 Datasheet HTML 2Page - PHOENIX CONTACT 2908359 Datasheet HTML 3Page - PHOENIX CONTACT 2908359 Datasheet HTML 4Page - PHOENIX CONTACT 2908359 Datasheet HTML 5Page - PHOENIX CONTACT 2908359 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
DIN rail housing, Filler plug for unoccupied terminal points (MKDSO), width: 21 mm, height: 17.
05 mm, depth: 8.55 mm, color: blue (similar RAL 5015)
Your advantages
Easy, tool-free mounting
•
Flammability rating V0 in accordance with UL 94
•
Commercial data
Item number
2908359
Packing unit
10 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Sales key
AC08
Product key
ACHAAZ
GTIN
4017918356019
Weight per piece (including packing)
1.27 g
Weight per piece (excluding packing)
1.104 g
Customs tariff number
39269097
Country of origin
DE
ME B-22,5 MKDSO BU - Filler plug
2908359
https://www.phoenixcontact.com/us/products/2908359
Mar 4, 2025, 12:18 AM
Page 1 (6)


Similar Part No. - 2908359

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2908357 PHOENIX-2908357 Datasheet
181Kb / 5P
FUSE 40A/32V ATOF - Fuse
2908358 PHOENIX-2908358 Datasheet
182Kb / 5P
FUSE 10A/400V GRL - Fuse
More results

Similar Description - 2908359

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2907473 PHOENIX-2907473 Datasheet
69Kb / 4P
Electronic housing - ME 22,5 OT-MKDSO SET
2907761 PHOENIX-2907761 Datasheet
55Kb / 2P
Electronic housing - ME 22,5 OT-MSTBO KMGY
2914877 PHOENIX-2914877 Datasheet
55Kb / 2P
Electronic housing - ME 22,5 OT-1MSTBO KMGY
2908045 PHOENIX-2908045 Datasheet
96Kb / 2P
MKDSO 2,5/ 4-R BU
2199236 PHOENIX-2199236 Datasheet
51Kb / 2P
Housing - ME MAX 22,5 F/SF-DKL TRANS
11/05/2018
2199650 PHOENIX-2199650 Datasheet
60Kb / 3P
Filler plugs - ME MAX TBUS BS KMGY
09/12/2020
2869524 PHOENIX-2869524 Datasheet
128Kb / 10P
Mounting base housing - ME 22,5 UT TBUS KMGY
09/12/2020
2890166 PHOENIX-2890166 Datasheet
51Kb / 2P
Electronic housing - ME MAX B-22,5 KMGY S75
11/05/2018
2914987 PHOENIX-2914987 Datasheet
264Kb / 9P
Mounting base housing - ME 22,5 UT/FE BU
11/25/2021
2202718 PHOENIX-2202718 Datasheet
301Kb / 5P
Upper part of housing - ME 12,5 OT-MKDSO BU
11/25/2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com