Electronic Components Datasheet Search
  English  ▼

X  

2908359 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2908359
Description  ME B-22,5 MKDSO BU - Filler plug
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2908359 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2908359 Datasheet HTML 1Page - PHOENIX CONTACT 2908359 Datasheet HTML 2Page - PHOENIX CONTACT 2908359 Datasheet HTML 3Page - PHOENIX CONTACT 2908359 Datasheet HTML 4Page - PHOENIX CONTACT 2908359 Datasheet HTML 5Page - PHOENIX CONTACT 2908359 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical data
Product properties
Product type
Filler plug
Housing type
DIN rail housing
Housing series
ME
Product family
ME 22,5..
Type
Filler plug for unoccupied terminal points (MKDSO)
Ventilation openings present
no
Dimensions
Width
21 mm
Height
17.05 mm
Depth
8.55 mm
Material specifications
Color (Housing)
blue (RAL 5015)
Flammability rating according to UL 94
V0
CTI according to IEC 60112
600
Housing material
PA
Surface characteristics
untreated
Environmental and real-life conditions
Vibration test
Specification
IEC 60068-2-6:2007-12
Frequency
10 - 150 - 10 Hz
Sweep speed
1 octave/min
Amplitude
0.15 mm (10 Hz ... 58.1 Hz)
Acceleration
2g (58.1 Hz ... 150 Hz)
Test duration per axis
2.5 h
Test directions
X-, Y- and Z-axis
Glow-wire test
Specification
IEC 60695-2-11:2014-02
Temperature
850 °C
Time of exposure
30 s
Thermal stability / ball thrust test
Specification
IEC 60695-10-2:2014-02
Temperature
125 °C
Test duration
1 h
Force
20 N
Mechanical strength / tumbling barrel
ME B-22,5 MKDSO BU - Filler plug
2908359
https://www.phoenixcontact.com/us/products/2908359
Mar 4, 2025, 12:18 AM
Page 2 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com