Electronic Components Datasheet Search
  English  ▼

X  

SA15 Datasheet(PDF) 2 Page - First Components International

Part # SA15
Description  5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

SA15 Datasheet(HTML) 2 Page - First Components International

  SA15 Datasheet HTML 1Page - First Components International SA15 Datasheet HTML 2Page - First Components International SA15 Datasheet HTML 3Page - First Components International SA15 Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Data Sheet
5.0V to 170V GPP TRANSIENT
VOLTAGE SUPPRESSORS
Page 11-7
Ratingsat
25 Deg. C ambient
temperature
unless otherwise
specified.
Single Phase Half
Wave, 60 Hz
Resistive or
Inductive Load.
For Capacitive
Load, Derate
Current by 20%.
Fig. 1 Pulse Rating Curve
Fig. 2 Pulse Derating Curve
Ambient Temperature (°°°°°C)
Lead Temperature (°°°°°C)
Fig. 3 Pulse Waveform
Time (ms)
Fig. 6 Maximum Non-Repetitive
Surge Current
Number of Cycles @ 60 Hz
0
1.0
2.0
3.0
4.0
t
r = 10µs
Peak Value
I
PPM
Pulse Width is defined
as that point where the
Peak Current decays to
50% of I
PPM
50
100
Fig. 5 Steady State Power Derating
8.3ms Single Half Sine Wave
JEDEC Method
Non-Repetitive
Pulse Waveform
shown Fig. 3
T
A = 25
o
C
Pulse
1/2 Wave
Square Wave
Pulse Width



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com