Electronic Components Datasheet Search
  English  ▼

X  

SA15 Datasheet(PDF) 4 Page - First Components International

Part # SA15
Description  5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

SA15 Datasheet(HTML) 4 Page - First Components International

  SA15 Datasheet HTML 1Page - First Components International SA15 Datasheet HTML 2Page - First Components International SA15 Datasheet HTML 3Page - First Components International SA15 Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Data Sheet
5.0V to 170V GPP TRANSIENT
VOLTAGE SUPPRESSORS
Page 11-9
DEVICE
Maximum
Temperature
Coefficient
of V
BR
% /°°°°°C
Min.
Max.
V
BR
Volts (Note 1)
Breakdown
Voltage
SA28
SA28A
SA30
SA30A
SA33
SA33A
SA36
SA36A
SA40
SA40A
SA43
SA43A
SA45
SA45A
SA48
SA48A
SA51
SA51A
SA54
SA54A
SA58
SA58A
SA60
SA60A
SA64
SA64A
SA70
SA70A
SA75
SA75A
SA78
SA78A
SA85
SA85A
SA90
SA90A
SA100
SA100A
SA110
SA110A
SA120
SA120A
SA130
SA130A
SA150
SA150A
SA160
SA160A
SA170
SA170A
31.10
31.10
33.30
33.30
36.70
36.70
40.00
40.00
44.40
44.40
47.80
47.80
50.00
50.00
53.30
53.30
56.70
56.70
60.00
60.00
64.40
64.40
66.70
66.70
71.10
71.10
77.80
77.80
83.30
83.30
86.70
86.70
94.40
94.40
100.00
100.00
111.00
111.00
122.00
122.00
133.00
133.00
144.00
144.00
167.00
167.00
178.00
178.00
189.00
189.00
38.00
34.40
40.70
36.80
44.90
40.60
48.90
44.20
54.30
49.10
58.40
52.80
61.10
55.30
65.10
58.90
69.30
62.70
73.30
66.30
78.70
71.20
81.50
73.70
86.90
78.60
95.00
86.00
102.00
92.10
106.00
95.80
115.00
104.00
122.00
111.00
136.00
123.00
149.00
135.00
163.00
147.00
176.00
159.00
204.00
185.00
218.00
197.00
231.00
209.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
10.00
10.00
10.00
10.00
10.00
10.00
10.00
10.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
28.00
28.00
30.00
30.00
33.00
33.00
36.00
36.00
40.00
40.00
43.00
43.00
45.00
45.00
48.00
48.00
51.00
51.00
54.00
54.00
58.00
58.00
60.00
60.00
64.00
64.00
70.00
70.00
75.00
75.00
78.00
78.00
85.00
85.00
90.00
90.00
100.00
100.00
110.00
110.00
120.00
120.00
130.00
130.00
150.00
150.00
160.00
160.00
170.00
170.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
9.90
11.00
9.30
10.30
8.60
9.40
7.80
8.60
7.00
7.80
6.50
7.20
6.20
6.90
5.80
6.50
5.50
6.10
5.20
5.70
4.90
5.30
4.70
5.20
4.40
4.90
4.00
4.40
3.70
4.10
3.60
4.00
3.30
3.60
3.10
3.40
2.80
3.10
2.60
2.80
2.30
2.00
2.20
2.40
1.90
2.10
1.70
1.90
1.60
1.80
50.10
45.40
53.50
48.40
59.00
53.30
64.30
58.10
71.40
64.50
76.70
69.40
80.30
72.70
85.50
77.40
91.10
82.40
96.30
87.10
103.00
93.60
107.00
96.80
114.00
103.00
125.00
113.00
134.00
121.00
139.00
126.00
151.00
137.00
160.00
146.00
179.00
162.00
196.00
177.00
214.00
193.00
231.00
209.00
268.00
243.00
287.00
259.00
304.00
275.00
35.00
31.00
39.00
36.00
42.00
39.00
46.00
41.00
51.00
46.00
55.00
50.00
58.00
52.00
63.00
56.00
66.00
61.00
71.00
65.00
78.00
70.00
80.00
71.00
86.00
75.00
94.00
85.00
101.00
91.00
105.00
95.00
114.00
103.00
121.00
110.00
135.00
123.00
148.00
133.00
162.00
145.00
175.00
158.00
203.00
184.00
217.00
196.00
230.00
208.00
Maximum
Clamping
Voltage
@ I
PPM
V
C (V)
Peak
Pulse
Current
I
PPM (A)
(Note 2)
Maximum
Reverse
Leakage
@ V
RWM
I
R (µA)
Working
Peak
Reverse
Voltage
V
RWM (V)
@ I
T
(mA)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com