Electronic Components Datasheet Search
  English  ▼

X  

TL431 Datasheet(PDF) 3 Page - First Components International

Part # TL431
Description  Programmable Precision References
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

TL431 Datasheet(HTML) 3 Page - First Components International

  TL431 Datasheet HTML 1Page - First Components International TL431 Datasheet HTML 2Page - First Components International TL431 Datasheet HTML 3Page - First Components International TL431 Datasheet HTML 4Page - First Components International TL431 Datasheet HTML 5Page - First Components International TL431 Datasheet HTML 6Page - First Components International TL431 Datasheet HTML 7Page - First Components International TL431 Datasheet HTML 8Page - First Components International TL431 Datasheet HTML 9Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TL431 Programmable Precision References
ELECTRICAL CHARACTERISTICS (Ambient temperature at 25oC unless otherwise noted)
TL431I
TL431C
Characteristic
Symbol
M i n
Typ
Max
M i n
Typ
Max
Unit
Reference Input Voltage (Fig. 1)
Vref
V
VKA = Vref, IK = 10mA
TA = 25
oC
2.44
2.495
2.55
2.44
2.495
2.55
TA = Tlow to Thigh (Note 1)
2.41
---
2.58
2.423
---
2.567
Reference Input Voltage Deviation Over
∆Vref
---
7.0
30
---
3.0
17
mV
Temperature Range (Fig. 1, Note 1, 2, 4)
VKA = Vref, IK = 10mA
Ratio of Change in Reference Input Voltage
∆Vref
mV/V
to Change in Cathode to Anode Voltage
∆VKA
IK = 10mA (Fig. 2),
∆VKA = 10V to Vref
---
-1.4
-2.7
---
-1.4
-2.7
∆VKA = 36V to 10V
---
-1.0
-2.0
---
-1.0
-2.0
Reference Input Current (Fig. 2)
Iref
µA
IK = 10mA, R1 = 10k, R2 =
TA = 25
oC
---
1.8
4.0
---
1.8
4.0
TA = Tlow to Thigh (Note 1)
---
---
6.5
---
---
5.2
Reference Input Current Deviation Over
∆Iref
---
0.8
2.5
---
0.4
1.2
µA
Temperature Range (Fig. 2, Note 1, 4)
IK = 10mA, R1 = 10k, R2 =
Minimum Cathode Current for Regulation
Imin
---
0.5
1.0
---
0.5
1.0
mA
VKA = Vref (Fig. 1)
Off - State Cathode Current (Fig. 3)
Ioff
---
260
1000
---
2.6
1000
nA
VKA = 36V, Vref = 0V
Dynamic Impedance (Fig. 1, Note 3)
ZKA
---
0.22
0.5
---
0.22
0.5
Ω
VKA = Vref, ∆IK = 1.0mA to 100mA,
f < 1.0 kHz
ELECTRICAL CHARACTERISTICS (Ambient temperature at 25oC unless otherwise noted)
TL431AI
TL431AC
TL431B
Characteristic
Symbol
M i n
Typ
Max
Mi n
Typ
Max
Mi n
Typ
Max
Unit
Reference Input Voltage (Fig. 1)
Vref
V
VKA = Vref, IK = 10mA
TA = 25
oC
2.47
2.495
2.52
2.47
2.495
2.52
2.483
2.495
2.507
TA = Tlow to Thigh (Note 1)
2.44
---
2.55
2.453
---
2.537
2.475
2.495
2.515
Reference Input Voltage Deviation Over
∆Vref
---
7.0
30
---
3.0
17
---
3.0
17
mV
Temperature Range (Fig. 1, Note 1, 2, 4)
VKA = Vref, IK = 10mA
Ratio of Change in Reference Input Voltage
∆Vref
mV/V
to Change in Cathode to Anode Voltage
∆VKA
IK = 10mA (Fig. 2),
∆VKA = 10V to Vref
---
-1.4
-2.7
---
-1.4
-2.7
---
-1.4
-2.7
∆VKA = 36V to 10V
---
-1.0
-2.0
---
-1.0
-2.0
---
-1.0
-2.0
Reference Input Current (Fig. 2)
Iref
µA
IK = 10mA, R1 = 10k, R2 =
TA = 25
oC
---
1.8
4.0
---
1.8
4.0
---
1.1
2.0
TA = Tlow to Thigh (Note 1)
---
---
6.5
---
---
5.2
---
---
4.0
Reference Input Current Deviation Over
∆Iref
---
0.8
2.5
---
0.4
1.2
---
0.4
1.2
µA
Temperature Range (Fig. 2, Note 1, 4)
IK = 10mA, R1 = 10k, R2 =
Minimum Cathode Current for Regulation
Imin
---
0.5
1.0
---
0.5
1.0
---
0.5
1.0
mA
VKA = Vref (Fig. 1)
Off - State Cathode Current (Fig. 3)
Ioff
---
260
1000
---
260
1000
---
230
500
nA
VKA = 36V, Vref = 0V
Dynamic Impedance (Fig. 1, Note 3)
ZKA
---
0.22
0.5
---
0.22
0.5
---
0.14
0.3
Ω
VKA = Vref, ∆IK = 1.0mA to 100mA,
f < 1.0 kHz
9-3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com