Electronic Components Datasheet Search
  English  ▼

X  

TL431 Datasheet(PDF) 1 Page - First Components International

Part # TL431
Description  Programmable Precision References
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

TL431 Datasheet(HTML) 1 Page - First Components International

  TL431 Datasheet HTML 1Page - First Components International TL431 Datasheet HTML 2Page - First Components International TL431 Datasheet HTML 3Page - First Components International TL431 Datasheet HTML 4Page - First Components International TL431 Datasheet HTML 5Page - First Components International TL431 Datasheet HTML 6Page - First Components International TL431 Datasheet HTML 7Page - First Components International TL431 Datasheet HTML 8Page - First Components International TL431 Datasheet HTML 9Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TL431 Programmable Precision References
FEATURES
l Programmable Output Voltage to 36 Volts
l Low Dynamic Output Impedance, 0.22 Ω Typical
l Sink Current Capability of 1.0 to 100 mA
l Equivalent Full-Range Temperature Coefficient of
50 ppm/oC Typical
l Temperature Compensated for operation over
Full Rated Operating Temperature Range
l Low Output Noise Voltage
TO-92
The TL431 integrated circuits are three-terminal
programmable shunt regulator diodes. These monolithic
IC voltage references operate as a low temperature
coefficient zener which is programmable from Vref to
36 volts with two external resistors. These devices
exhibit a wide operating current range of 1.0 to 100mA
with a typical dynamic impedance of 0.22
Ω. The
characteristics of these references make them
Pin: 1. Reference
2. Anode
3. Cathode
excellent replacements for zener diodes in many
applications such as digital voltmeters, power supplies,
and op amp circuitry. The 2.5 volt reference makes it
convenient to obtain a stable reference from 5.0 volt
logic supplies, and since the TL431 operates as a shunt
regulator, it can be used as either a positive or negative
voltage reference.
PINARRANGEMENT
DIP-8
Pin: 1. Cathode
6. Anode
8. Reference
Other Pins: NC
SOP-8
Pin: 1. Cathode
5. NC
2. Anode
6. Anode
3. Reference
7. Anode
4. NC
8. Reference
This SOP-8 is an internally modified SOP-8 Package.
Pins 2, 3, 6 and 7 are electrically common to the die
attach flag. This internal lead frame modification
decreases package thermal resistance and increases
power dissipation capability when appropriately
mounted on a printed circuit board.
This SOP-8
conforms to all external dimensions of the standard
SOP-8 package.
CIRCUITSCHEMATIC
ORDERINGINFORMATION
FUNCTIONAL BLOCK DIAGRAM
SYMBOL
Temperature
Device
Range
Package
TL431CT
TO-92
TL431CD
0 to +70 oC
DIP-8
TL431CS
SOP-8
TL431IT
TO-92
TL431ID
-40 to +85 oC
DIP-8
TL431IS
SOP-8
9-1


Similar Part No. - TL431

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL431 MOTOROLA-TL431 Datasheet
258Kb / 16P
PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431 Datasheet
152Kb / 10P
PROGRAMMABLE VOLTAGE REFERENCE
Mar-2002
logo
Texas Instruments
TL431 TI-TL431 Datasheet
795Kb / 41P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Fairchild Semiconductor
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
Programmable Shunt Regulator
More results

Similar Description - TL431

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
Microsemi Corporation
TL431 MICROSEMI-TL431 Datasheet
210Kb / 12P
PRECISION PROGRAMMABLE REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431_06 Datasheet
176Kb / 19P
Programmable Precision References
November, 2006 ??Rev. 25
NCP431AISNT1G ONSEMI-NCP431AISNT1G Datasheet
408Kb / 17P
Programmable Precision References
April, 2013 ??Rev. 5
TL431 ONSEMI-TL431 Datasheet
216Kb / 18P
Programmable Precision References
April, 2012 ??Rev. 34
NCV431BVDMR2G ONSEMI-NCV431BVDMR2G Datasheet
216Kb / 18P
Programmable Precision References
April, 2012 ??Rev. 34
NCP431 ONSEMI-NCP431 Datasheet
377Kb / 17P
Programmable Precision References
June, 2016 ??Rev. 14
logo
First Silicon Co., Ltd
FA431HCS FS-FA431HCS Datasheet
282Kb / 4P
PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431A ONSEMI-TL431A Datasheet
448Kb / 21P
Programmable Precision References
January, 2019 ??Rev. 40
TL431A ONSEMI-TL431A_V01 Datasheet
471Kb / 22P
Programmable Precision References
April, 2022 - Rev. 43
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com