Electronic Components Datasheet Search
  English  ▼

X  

TPIM002 Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TPIM002
Description  Conduction Cooled, 6 Channel SSI, Incremental Encoder, Counter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPIM002 Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TPIM002 Datasheet HTML 1Page - TEWS Technologies GmbH TPIM002 Datasheet HTML 2Page - TEWS Technologies GmbH TPIM002 Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The Embedded I/O Company
TPMC317
Conduction Cooled, 6 Channel SSI, Incremental
Encoder, Counter
Application Information
The TPMC317 is a conduction cooled single-width 32 bit
PMC module and offers six independent channels. Each of
these channels can operate as a standard SSI interface
controller, in a SSI ‘Listen only’ Mode, as an incremental
encoder or general purpose counter.
The standard SSI interface controller outputs a clock burst
to the absolute encoder and receives the returned positional
data.
The
SSI
interface
controller
operates
with
a
programmable
clock
rate
from
1µs
to
15µs
and
programmable data word length from 1 bit to 32 bit.
In ‘Listen only’ Mode the channel listens to an existing SSI
interface to observe its data transfer. It takes both the SSI
clock and data as inputs. In ‘Listen only’ Mode the channel
also has a programmable data word length from 1 bit to 32
bit; the SSI clock rate of the observed SSI interface can be
in the range of 1µs to 15µs.
In both modes the data word can be encoded in Binary- or
in Gray code and with odd, even or no parity.
The 32 bit incremental encoder counter is a preloadable up-
and down counter. The counter is programmable for single,
double and quadruple analysis of the encoder signals. In
conjunction with the isolated 24V digital inputs it provides
the possibility of automatic preload of the counter whenever
the motion system passes a reference position.
The 32 bit general purpose preloadable up- and down
counter can be fed with an internal clock or with external
signals.
Both counter modes offer a 32 bit preload register, a 32 bit
compare register and various count modes.
A 'Multiple Channel Read' function latches the actual values
of all enabled channels whose values can then be read
without interfering with normal function.
In addition the TPMC317 provides a 16 bit down-counter
with preload register which allows timing intervals of up to
65ms. It can be used as reference timer for closed loop
applications or as trigger for the Multiple Channel Read
function.
All data inputs are isolated. The level of the input signals
can be RS422 or TTL. The input signals pass a digital filter
for noise suppression before they are further used.
The level of the SSI clock output signals is RS422.
Each of the six motion control channels of the TPMC317
offers one isolated 24V digital input. The input circuit
ensures
a
defined
switching
point
and
polarization
protection against confusing the pole. The input has an
electronic debounce circuit. All six 24V digital inputs can
generate an interrupt, triggered on rising or falling edge.
Depending on the selected mode the input can be used as
general purpose input or reference input.
All signals are accessible through the P14 back I/O
connector.
The TPMC317 can operate with 3.3V and 5.0V PCI I/O
signaling voltage.
Software Support (TDRV005-SW-xx) for different operating
systems is available.
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-09-13
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TPIM002

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPIM002 TEWS-TPIM002 Datasheet
143Kb / 1P
MTCA.4 Rear-I/O μRTM for TAMC261
2017-09-20
TPIM002 TEWS-TPIM002 Datasheet
72Kb / 1P
Transition Module for 3U cPCI PMC Carrier
2017-08-17
TPIM002 TEWS-TPIM002 Datasheet
85Kb / 1P
PIM Carrier Transition Module for 3U cPCI
2017-08-17
TPIM002 TEWS-TPIM002 Datasheet
70Kb / 1P
PIM I/O Module with 68 pin Connector
2017-08-31
TPIM002 TEWS-TPIM002 Datasheet
241Kb / 2P
Conduction Cooled PMC 4 Channel High Speed Synch/Asynch Serial Interface
10/2009
More results

Similar Description - TPIM002

ManufacturerPart #DatasheetDescription
logo
CUI INC
MEH9 CUI-MEH9 Datasheet
78Kb / 3P
incremental encoder
MEH20 CUI-MEH20 Datasheet
80Kb / 3P
incremental encoder
MEH30 CUI-MEH30 Datasheet
76Kb / 3P
incremental encoder
MES12 CUI-MES12 Datasheet
74Kb / 3P
incremental encoder
logo
List of Unclassifed Man...
580A316IR-60 ETC2-580A316IR-60 Datasheet
155Kb / 4P
Incremental Encoder
logo
IC-Haus GmbH
IC-LTA ICHAUS-IC-LTA Datasheet
784Kb / 14P
6-CH. INCREMENTAL OPTO ENCODER ARRAY
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
INCREMENTAL ENCODER
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
Incremental Encoder
MES3 CUI-MES3 Datasheet
298Kb / 5P
INCREMENTAL ENCODER
logo
IC-Haus GmbH
IC-LTA ICHAUS-IC-LTA_16 Datasheet
844Kb / 15P
6-CH. INCREMENTAL OPTO ENCODER ARRAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com